Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS450 Datasheet(Arkusz danych) 4 Page - Analog Devices

Numer części ADXRS450
Szczegółowy opis  HIgh Performance, Digital Output Gyroscope
Pobierz  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 4 page
background image
ADXRS450
Preliminary Technical Data
Rev. PrA | Page 4 of 28
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration (Any Axis, Unpowered, 0.5 ms)
2000 g
Acceleration (Any Axis, Powered, 0.5 ms)
2000 g
Supply Voltage (PDD)
−0.3 V to +6.0 V
Output Short-Circuit Duration (Any Pin to
Ground)
Indefinite
Temperature Range
Operating
LCC_V Package
−40°C to +125°C
SOIC_CAV Package
−40°C to +125°C
Storage
LCC_V Package
−65°C to +150°C
SOIC_CAV Package
−40°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, for a device
soldered in a printed circuit board (PCB) for surface-mount
packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
16-Lead SOIC_CAV
191.5
25
°C/W
14-Lead Ceramic LCC_V
185.5
23
°C/W
RATE SENSITIVE AXIS
The ADXRS450 is available in two package options. The
SOIC_CAV package configuration is for applications that
require a Z-axis (yaw) rate sensing device. The device transmits
a positive going LSB count for clockwise rotation about the axis
normal to the package top. Conversely, a negative going LSB
count is transmitted for counterclockwise rotation about the
Z-zxis. The vertical mount package (LCC_V) option is for
applications that require rate sensing in the axes parallel to the
plane of the PCB (pitch and roll). The same principles of LSB
count transmission for clockwise and counterclockwise rotation
about the parallel axes apply to the LCC_V option. See Figure 2
for details.
RATE
AXIS
LONGITUDINAL
AXIS
LATERAL AXIS
VMP PACKAGE
+
A BCD
G
1
1
7
7
8
EF
Z-AXIS
A1
RATE
AXIS
+
Figure 2. Rate Signal Increases with Clockwise Rotation
ESD CAUTION




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28