Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS450 Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXRS450
Szczegółowy opis  HIgh Performance, Digital Output Gyroscope
Pobierz  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
Preliminary Technical Data
ADXRS450
Rev. PrA | Page 5 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADXRS450
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SCLK
MOSI
AVDD
DVSS
RSVD
AVSS
RSVD
CP5
DVDD
RSVD
RSVD
MISO
PDD
PSS
VX
CS
Figure 3. SOIC_CAV Pin Configuration
Table 4. 14-Lead SOIC_CAV Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DVDD
Digital Regulated Voltage. See Figure 21 for the applications circuit diagram.
2
RSVD
Reserved. This pin must be connected to DVSS.
3
NC
Reserved. This pin must be connected to DVSS.
4
CS
Chip Select.
5
MISO
Master In/Slave Out.
6
PDD
Supply Voltage.
7
PSS
Switching Regulator Ground.
8
VX
High Voltage Switching Node. See Figure 21 for the applications circuit diagram.
9
CP5
High Voltage Supply. See Figure 21 for the applications circuit diagram.
10
NC
Reserved. This pin must be connected to DVSS.
11
AVSS
Analog Ground.
12
NC
Reserved. This pin must be connected to DVSS.
13
DVSS
Digital Signal Ground.
14
AVDD
Analog Regulated Voltage. See Figure 21 for the applications circuit diagram.
15
MOSI
Master Out/Slave In.
16
SCLK
SPI Clock.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28