Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS450BRGZ Arkusz danych(PDF) 26 Page - Analog Devices

Numer części ADXRS450BRGZ
Szczegółowy opis  HIgh Performance, Digital Output Gyroscope
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS450BRGZ Arkusz danych(HTML) 26 Page - Analog Devices

Back Button ADXRS450BRGZ Datasheet HTML 20Page - Analog Devices ADXRS450BRGZ Datasheet HTML 21Page - Analog Devices ADXRS450BRGZ Datasheet HTML 22Page - Analog Devices ADXRS450BRGZ Datasheet HTML 23Page - Analog Devices ADXRS450BRGZ Datasheet HTML 24Page - Analog Devices ADXRS450BRGZ Datasheet HTML 25Page - Analog Devices ADXRS450BRGZ Datasheet HTML 26Page - Analog Devices ADXRS450BRGZ Datasheet HTML 27Page - Analog Devices ADXRS450BRGZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADXRS450
Preliminary Technical Data
Rev. PrA | Page 26 of 28
PACKAGE MARKING CODES
XRS450
BEYZ n
#YYWW
LLLLLLLLL
XRS450
BRGZ n
#YYWW
LLLLLLLLL
Figure 33. LCC_V and SOIC_CAV Package Marking Codes
Table 17. Package Code Designations
Marking
Significance
XRS
Angular rate sensor
450
Series number
B
Temperature Grade (−40°C to +105°C)
RG
Package designator (SOIC_CAV package)
EY
Package designator (LCC_V package)
Z
RoHS compliant
n
Revision number
#
Pb-Free designation
YYWW
Assembly date code
LLLLLLLLL
Assembly lot code (up to 9 characters)


Podobny numer części - ADXRS450BRGZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS450 AD-ADXRS450_11 Datasheet
715Kb / 28P
   High Performance, Digital Output Gyroscope
REV. 0
More results

Podobny opis - ADXRS450BRGZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS450 AD-ADXRS450_11 Datasheet
715Kb / 28P
   High Performance, Digital Output Gyroscope
REV. 0
ADXRS453 AD-ADXRS453 Datasheet
998Kb / 32P
   High Performance , Digital Output Gyroscope
REV. 0
logo
STMicroelectronics
I3G4250D STMICROELECTRONICS-I3G4250D Datasheet
1Mb / 43P
   3-axis digital output gyroscope
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
logo
List of Unclassifed Man...
PMODGYRO2_RM ETC1-PMODGYRO2_RM Datasheet
239Kb / 2P
   The PmodGYRO2 features the Analog Devices ADXRS453 High Performance, Digital Output Gyroscope that is ideal for systems in need of a gyroscope for high vibration environments.
logo
Bosch Sensortec GmbH
BMG160 BOSCH-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
logo
List of Unclassifed Man...
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com