Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS450BRGZ-RL Arkusz danych(PDF) 18 Page - Analog Devices

Numer części ADXRS450BRGZ-RL
Szczegółowy opis  HIgh Performance, Digital Output Gyroscope
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS450BRGZ-RL Arkusz danych(HTML) 18 Page - Analog Devices

Back Button ADXRS450BRGZ-RL Datasheet HTML 14Page - Analog Devices ADXRS450BRGZ-RL Datasheet HTML 15Page - Analog Devices ADXRS450BRGZ-RL Datasheet HTML 16Page - Analog Devices ADXRS450BRGZ-RL Datasheet HTML 17Page - Analog Devices ADXRS450BRGZ-RL Datasheet HTML 18Page - Analog Devices ADXRS450BRGZ-RL Datasheet HTML 19Page - Analog Devices ADXRS450BRGZ-RL Datasheet HTML 20Page - Analog Devices ADXRS450BRGZ-RL Datasheet HTML 21Page - Analog Devices ADXRS450BRGZ-RL Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADXRS450
Preliminary Technical Data
Rev. PrA | Page 18 of 28
0x2000000
0x2000000
0x2000003
0x2000000
ANOTHER 50ms DELAY
NEEDS TO BE OBSERVED TO
ALLOW THE FAULT
CONDITIONS TO CLEAR. IF
THE DEVICE IS FUNCTIONING
PROPERLY, THE MISO
RESPONSE CONTAINS ALL
ACTIVE FAULTS, AS WELL AS
HAVING SET THE MESSAGE
FORMAT TO SELF-TEST
DATA. THIS IS INDICATED
THROUGH THE ST BITS
BEING SET TO 0b10.
A 50ms DELAY IS REQUIRED
SO THAT THE GENERATION
OF FAULTS WITHIN THE
DEVICE IS ALLOWED TO
COMPLETE. HOWEVER, AS
THE DEVICE DATA IS
LATCHED BEFORE THE CHK
COMMAND IS ASSERTED,
THE DEVICE RESPONSE
DURING THIS
COMMAND/RESPONSE
EXCHANGE DOES NOT
CONTAIN FAULT
INFORMATION. THIS
RESPONSE CAN BE
DISCARDED.
ONCE THE 100ms START-UP
TIME HAS OCCURRED, THE
MASTER DEVICE IS FREE TO
ASSERT THE CHK
COMMAND AND START THE
PROCESS OF INTERNAL
ERROR CHECKING. DURING
THE FIRST COMMAND/
RESPONSE EXCHANGE
AFTER POWER ON, THE
ADXRS450 HAS BEEN
DESIGNED TO ISSUE A
PREDEFINED RESPONSE.
POWER IS
APPLIED TO
THE DEVICE.
WAIT 100ms TO
ALLOW FOR
THE INTERNAL
CIRCUITRY TO
BE INITIALIZED.
THE FAULT BITS OF THE
ADXRS450 REMAIN ACTIVE
UNTIL CLEARED. DUE TO
THE REQUIRED DECAY
PERIOD FOR EACH FAULT
CONDITION, FAULT
CONDITIONS REMAIN
PRESENT UPON THE
IMMEDIATE DEASSERTION
OF THE CHK COMMAND. THIS
RESULTS IN A SECOND
SEQUENTIAL RESPONSE IN
WHICH THE FAULT BITS ARE
ASSERTED. AGAIN, THE
RESPONSE IS FORMATTED
AS SELF-TEST DATA
INDICATING THAT THE FAULT
BITS HAVE BEEN SET
INTENTIONALLY.
ALL FAULT
CONDITIONS ARE
CLEARED, AND ALL
SUBSEQUENT DATA
EXCHANGES NEED
ONLY OBSERVE
THE SEQUENTIAL
TRANSFER DELAY
TIMING
PARAMETER.
0x…FF OR 0x…FE
(PARITY DEPENDENT)
0x…FF OR 0x…FE
(PARITY DEPENDENT)
0x…
0x0000001
MOSI
SCLK
CS
MISO
32 CLOCK
CYCLES
32 CLOCK
CYCLES
32 CLOCK
CYCLES
32 CLOCK
CYCLES
DATA LATCH POINT
MOSI: SENSOR DATA REQUEST
CHK COMMAND ASSERTED
MISO: STANDARD INITIAL
RESPONSE
MOSI: SENSOR DATA
REQUEST THIS CLEARS
THE CHK BIT
MISO: SENSOR DATA
RESPONSE
MOSI: SENSOR DATA
REQUEST
MISO: CHK RESPONSE
ST[1:0] = 0b10
MOSI: SENSOR DATA
REQUEST
MISO: CHK RESPONSE
ST[1:0] = 0b10
XX
X
t = 100ms
t = 150ms
t = 200ms
t = 200ms +
tTD
t = 200ms + 2
tTD
Figure 27. Recommended Startup Sequence


Podobny numer części - ADXRS450BRGZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS450 AD-ADXRS450_11 Datasheet
715Kb / 28P
   High Performance, Digital Output Gyroscope
REV. 0
More results

Podobny opis - ADXRS450BRGZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS450 AD-ADXRS450_11 Datasheet
715Kb / 28P
   High Performance, Digital Output Gyroscope
REV. 0
ADXRS453 AD-ADXRS453 Datasheet
998Kb / 32P
   High Performance , Digital Output Gyroscope
REV. 0
logo
STMicroelectronics
I3G4250D STMICROELECTRONICS-I3G4250D Datasheet
1Mb / 43P
   3-axis digital output gyroscope
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
logo
List of Unclassifed Man...
PMODGYRO2_RM ETC1-PMODGYRO2_RM Datasheet
239Kb / 2P
   The PmodGYRO2 features the Analog Devices ADXRS453 High Performance, Digital Output Gyroscope that is ideal for systems in need of a gyroscope for high vibration environments.
logo
Bosch Sensortec GmbH
BMG160 BOSCH-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
logo
List of Unclassifed Man...
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com