Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS450BEYZ Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADXRS450BEYZ
Szczegółowy opis  HIgh Performance, Digital Output Gyroscope
Pobierz  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 6 page
background image
ADXRS450
Preliminary Technical Data
Rev. PrA | Page 6 of 28
12
3
4
5
6
7
14
13
12
11 10
9
8
TOP VIEW
(Not to Scale)
Figure 4. LCC_V Pin Configuration
1
2
3
4
5
6
7
BACK VIEW
(Not to Scale)
NC = NO
CONNECT
14
13
12
11
10
9
8
Figure 5. LCC_V Pin Configuration, Horizontal Layout
Table 5. 14_Lead LCC_V Pin Function Descriptions
Pin No.
Mnemonic
Description
1
AVSS
Analog Ground.
2
AVDD
Analog Regulated Voltage. See Figure 22 for the applications circuit diagram.
3
MISO
Master In/Slave Out.
4
DVDD
Digital Regulated Voltage. See Figure 22 for the applications circuit diagram.
5
SCLK
SPI Clock.
6
CP5
High Voltage Supply. See Figure 22 for the applications circuit diagram.
7
RSVD
Reserved. This pin must be connected to DVSS.
8
RSVD
Reserved. This pin must be connected to DVSS.
9
VX
High Voltage Switching Node. See Figure 22 for the applications circuit diagram.
10
CS
Chip Select.
11
DVSS
Digital Signal Ground.
12
MOSI
Master Out/Slave In.
13
PSS
Switching Regulator Ground.
14
PDD
Supply Voltage.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28