Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS450BEYZ Arkusz danych(PDF) 17 Page - Analog Devices

Numer części ADXRS450BEYZ
Szczegółowy opis  HIgh Performance, Digital Output Gyroscope
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS450BEYZ Arkusz danych(HTML) 17 Page - Analog Devices

Back Button ADXRS450BEYZ Datasheet HTML 13Page - Analog Devices ADXRS450BEYZ Datasheet HTML 14Page - Analog Devices ADXRS450BEYZ Datasheet HTML 15Page - Analog Devices ADXRS450BEYZ Datasheet HTML 16Page - Analog Devices ADXRS450BEYZ Datasheet HTML 17Page - Analog Devices ADXRS450BEYZ Datasheet HTML 18Page - Analog Devices ADXRS450BEYZ Datasheet HTML 19Page - Analog Devices ADXRS450BEYZ Datasheet HTML 20Page - Analog Devices ADXRS450BEYZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Preliminary Technical Data
ADXRS450
Rev. PrA | Page 17 of 28
The fault conditions are initiated nearly simultaneously;
however, the timing for receiving fault codes when the CHK bit
is asserted is dependent upon the time required to generate
each unique fault. It takes no more than 50 ms for all of the
internal faults to be generated, and the fault register updated to
reflect the condition of the device. Until the CHK bit is cleared,
the status bits (ST[1:0]) are set to 0b10, indicating that the data
should be interpreted by the control module as self-test data.
After the CHK bit is deasserted, the fault conditions require an
additional 50 ms to decay, and the device to return to normal
operation. Refer to Figure 21 for the proper methodology for
asserting the check bit.
OV
The OV fault bit asserts if the internally regulated voltage
(nominally 3 V) is observed to exceed 3.3 V. This measurement
is low-pass filtered to prevent artifacts such as noise spikes from
asserting a fault condition. When an OV fault has occurred, the
PWR fault bit is asserted simultaneously. Because the OV fault
bit is not transmitted as part of a sensor data request, it is
recommended that the user read back the FAULT1 and FAULT0
memory registers upon the assertion of a PWR error. This
allows the user to determine the specific error condition.
UV
The UV fault bit asserts if the internally regulated voltage
(nominally 3 V) is observed to be less than 2.77 V. This
measurement is low-pass filtered to prevent artifacts such as
noise spikes from asserting a fault condition. When a UV fault
has occurred, the PWR fault bit is asserted simultaneously. As
the UV fault bit is not transmitted as part of a sensor data
request, it is recommended that the user read back the FAULT1
and FAULT0 memory registers upon the assertion of a PWR
error. This allows the user to determine the specific error
condition.
FAIL
The fail flag is asserted when a condition arises such that the
ST[0:1] bits are set to 0b00. This indicates that the device has
experienced a gross failure, and that the sensor data could
potentially be invalid.
AMP
The amp fault bit is asserted when the measured amplitude of
the silicon resonator has been significantly reduced. This
condition can occur if the voltage supplied to CP5 has fallen
below the requirements of the internal voltage regulator. This
fault bit is OR’ed with the CST fault such that during a sensor
data request, the CST bit position represents either an amp
failure or a CST failure. The full status register can then be read
from memory to validate the specific failure.
K-Bit Assertion: Recommended Start-Up Routine
The following diagram illustrates a recommended start-up
routine that can be implemented by the user. Alternate start-up
sequences can be employed; however, ensure that the response
from the ADXRS450 is handled correctly. If implemented
immediately after power is applied to the device, the total time
to implement the following fault detection routine is approx-
imately 200 ms. As described in the Device Data Latching
section, the data present in the device upon the assertion of the
CS signal is used in the next sequential command/response
exchange. This results in an apparent one transaction delay
before the data resulting from the assertion of the CHK
command is reported by the device. For all other read/write
interactions with the device, no such delay exists, and the MOSI
command is serviced during the next sequential command/
response exchange. Note that when the CHK bit is deasserted, if
the user tries to obtain data from the device before the CST
fault flag has cleared, the device reports the data as error data.


Podobny numer części - ADXRS450BEYZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS450 AD-ADXRS450_11 Datasheet
715Kb / 28P
   High Performance, Digital Output Gyroscope
REV. 0
More results

Podobny opis - ADXRS450BEYZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS450 AD-ADXRS450_11 Datasheet
715Kb / 28P
   High Performance, Digital Output Gyroscope
REV. 0
ADXRS453 AD-ADXRS453 Datasheet
998Kb / 32P
   High Performance , Digital Output Gyroscope
REV. 0
logo
STMicroelectronics
I3G4250D STMICROELECTRONICS-I3G4250D Datasheet
1Mb / 43P
   3-axis digital output gyroscope
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
logo
List of Unclassifed Man...
PMODGYRO2_RM ETC1-PMODGYRO2_RM Datasheet
239Kb / 2P
   The PmodGYRO2 features the Analog Devices ADXRS453 High Performance, Digital Output Gyroscope that is ideal for systems in need of a gyroscope for high vibration environments.
logo
Bosch Sensortec GmbH
BMG160 BOSCH-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
logo
List of Unclassifed Man...
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com