Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS450BEYZ Arkusz danych(PDF) 28 Page - Analog Devices

Numer części ADXRS450BEYZ
Szczegółowy opis  HIgh Performance, Digital Output Gyroscope
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS450BEYZ Arkusz danych(HTML) 28 Page - Analog Devices

Back Button ADXRS450BEYZ Datasheet HTML 20Page - Analog Devices ADXRS450BEYZ Datasheet HTML 21Page - Analog Devices ADXRS450BEYZ Datasheet HTML 22Page - Analog Devices ADXRS450BEYZ Datasheet HTML 23Page - Analog Devices ADXRS450BEYZ Datasheet HTML 24Page - Analog Devices ADXRS450BEYZ Datasheet HTML 25Page - Analog Devices ADXRS450BEYZ Datasheet HTML 26Page - Analog Devices ADXRS450BEYZ Datasheet HTML 27Page - Analog Devices ADXRS450BEYZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
ADXRS450
Preliminary Technical Data
Rev. PrA | Page 28 of 28
ORDERING GUIDE
Model1
Temperature
Range
Package Description
Package
Option
ADXRS450BRGZ
–40°C to +105°C
16-Lead SOIC_CAV
RG-16-1
ADXRS450BRGZ-RL
–40°C to +105°C
16-Lead SOIC_CAV
RG-16-1
ADXRS450BEYZ
–40°C to +105°C
14-Terminal LCC_V
EY-14-1
ADXRS450BEYZ-RL
–40°C to +105°C
14-Lead LCC
LCC_14
EVAL-ADXRS450Z
Evaluation Board
EVAL-ADXRS450Z-M
Analog Devices Inertial Sensor Evaluation System, Includes ADXRS450
Satellite
EVAL-ADXRS450Z-S
ADXRS450 Satellite, Standalone
1 Z = RoHS Compliant Part.
©2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
P
R08952-0-4/10(PrA)


Podobny numer części - ADXRS450BEYZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS450 AD-ADXRS450_11 Datasheet
715Kb / 28P
   High Performance, Digital Output Gyroscope
REV. 0
More results

Podobny opis - ADXRS450BEYZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS450 AD-ADXRS450_11 Datasheet
715Kb / 28P
   High Performance, Digital Output Gyroscope
REV. 0
ADXRS453 AD-ADXRS453 Datasheet
998Kb / 32P
   High Performance , Digital Output Gyroscope
REV. 0
logo
STMicroelectronics
I3G4250D STMICROELECTRONICS-I3G4250D Datasheet
1Mb / 43P
   3-axis digital output gyroscope
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
logo
List of Unclassifed Man...
PMODGYRO2_RM ETC1-PMODGYRO2_RM Datasheet
239Kb / 2P
   The PmodGYRO2 features the Analog Devices ADXRS453 High Performance, Digital Output Gyroscope that is ideal for systems in need of a gyroscope for high vibration environments.
logo
Bosch Sensortec GmbH
BMG160 BOSCH-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
logo
List of Unclassifed Man...
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com