Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7WZ125FU Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TC7WZ125FU
Szczegółowy opis  Dual Bus Buffer With 3-STATE Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ125FU Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TC7WZ125FU Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ125FU Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ125FU Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ125FU Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ125FU Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ125FU Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ125FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7WZ125FU/FK
2009-10-19
4
AC Characteristics (unless otherwise specified, Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
± 0.15
2.0
5.3
11.0
2.0
11.5
2.5
± 0.2
0.8
3.4
7.5
0.8
8.0
3.3
± 0.3
0.5
2.5
5.2
0.5
5.5
CL = 15 pF, RL = 1MΩ
5.0
± 0.5
0.5
2.1
4.5
0.5
4.8
3.3
± 0.3
1.5
3.2
5.7
1.5
6.0
Propagation delay time
tpLH
tpHL
CL = 50 pF, RL = 500Ω
5.0
± 0.5
0.8
2.6
5.0
0.8
5.3
ns
1.8
± 0.15
2.0
7.0
14.9
2.0
16.6
2.5
± 0.2
1.5
4.6
8.5
1.5
9.0
3.3
± 0.3
1.5
3.5
6.2
1.5
6.5
Output enable time
tpZL
tpZH
CL = 50 pF, RL = 500 Ω
5.0
± 0.5
0.8
2.8
5.5
0.8
5.8
ns
1.8
± 0.15
2.0
5.4
11.8
2.0
12.7
2.5
± 0.2
1.5
4.0
8.0
1.5
8.5
3.3
± 0.3
1.0
3.5
5.7
1.0
6.0
Output disable time
tpLZ
tpHZ
CL = 50 pF, RL = 500 Ω
5.0
± 0.5
0.5
2.5
4.7
0.5
5.0
ns
Input capacitance
CIN
0 to 5.5
4
pF
Output capacitance
COUT
0 to 5.5
4
pF
3.3
17
Power dissipation
capacitance
CPD
(Note 7)
5.5
24
pF
Note 7: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC/2


Podobny numer części - TC7WZ125FU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WZ125FU TOSHIBA-TC7WZ125FU_09 Datasheet
202Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Podobny opis - TC7WZ125FU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HD74ALVC2G125 RENESAS-HD74ALVC2G125_15 Datasheet
130Kb / 15P
   Dual Bus Buffer with 3-state Output
HD74LV2G126A RENESAS-HD74LV2G126A Datasheet
90Kb / 10P
   Dual Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7WG126FK TOSHIBA-TC7WG126FK_09 Datasheet
210Kb / 9P
   Dual Bus Buffer with 3-STATE Output
logo
Renesas Technology Corp
HD74ALVC2G126 RENESAS-HD74ALVC2G126_15 Datasheet
125Kb / 15P
   Dual Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7WG125FK TOSHIBA-TC7WG125FK_09 Datasheet
234Kb / 9P
   Dual Bus Buffer with 3-STATE Output
logo
Renesas Technology Corp
HD74LVC2G126 RENESAS-HD74LVC2G126 Datasheet
2Mb / 8P
   Dual Bus Buffer with 3-state Output
HD74LV2G125A RENESAS-HD74LV2G125A Datasheet
94Kb / 10P
   Dual Bus Buffer with 3-state Output
HD74ALVC2G126 RENESAS-HD74ALVC2G126 Datasheet
100Kb / 13P
   Dual Bus Buffer with 3-state Output
RD74LVC2G125 RENESAS-RD74LVC2G125 Datasheet
1Mb / 8P
   Dual Bus Buffer with 3-state Output
HD74ALVC2G125 RENESAS-HD74ALVC2G125 Datasheet
105Kb / 13P
   Dual Bus Buffer with 3-state Output
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com