Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPCF8003 Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TPCF8003
Szczegółowy opis  notebook PC Applications Portable Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8003 Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TPCF8003 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8003 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8003 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8003 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8003 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8003 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8003 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCF8003
2010-01-14
4
ID – VDS
5
15
10
5
0
20
0
2
4
3
1
VGS = 1.6 V
10
4.5
2.2
1.8
2
2.4
2.6
2.8
3
6
ID – VDS
5
3
2
0
4
1
0
0.2
0.4
0.6
0.8
VGS = 1.6 V
10
1
4.5
2.2
1.7
1.8
1.9
2
2.4
2.6
2.8
3
6
1
0.1
10
1000
100
100
4.5
VGS = 2.5 V
1
10
0
0.3
0
ID = 7 A
2
4
8
1.8
3.5
0.2
10
6
0.1
0.4
0.5
0
0
1
24
14
Ta
= −55°C
25
100
2
3
10
8
4
6
12
0.5
1.5
3.5
2.5
Drain-source voltage VDS (V)
Drain current ID (A)
RDS (ON) – ID
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Common source
Ta
= 25°C
Pulse test
Common source
VDS = 10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
Ta
= 25°C
Pulse test


Podobny numer części - TPCF8003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPCF8003 TOSHIBA-TPCF8003 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Podobny opis - TPCF8003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6004 TOSHIBA-TPC6004_07 Datasheet
236Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6104 TOSHIBA-TPC6104_06 Datasheet
239Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8B01 TOSHIBA-TPCF8B01_09 Datasheet
312Kb / 9P
   Notebook PC Applications Portable Equipment Applications
TPC6102 TOSHIBA-TPC6102_06 Datasheet
198Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6001 TOSHIBA-TPC6001 Datasheet
200Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8A01 TOSHIBA-TPCF8A01 Datasheet
329Kb / 9P
   Notebook PC Applications Portable Equipment Applications
TPC6101 TOSHIBA-TPC6101 Datasheet
155Kb / 6P
   Notebook PC Applications Portable Equipment Applications
TPC6103 TOSHIBA-TPC6103_06 Datasheet
282Kb / 7P
   Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com