Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Si8221CC-A-IS Arkusz danych(PDF) 7 Page - Silicon Laboratories

Numer części Si8221CC-A-IS
Szczegółowy opis  0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8221CC-A-IS Arkusz danych(HTML) 7 Page - Silicon Laboratories

Back Button Si8221CC-A-IS Datasheet HTML 3Page - Silicon Laboratories Si8221CC-A-IS Datasheet HTML 4Page - Silicon Laboratories Si8221CC-A-IS Datasheet HTML 5Page - Silicon Laboratories Si8221CC-A-IS Datasheet HTML 6Page - Silicon Laboratories Si8221CC-A-IS Datasheet HTML 7Page - Silicon Laboratories Si8221CC-A-IS Datasheet HTML 8Page - Silicon Laboratories Si8221CC-A-IS Datasheet HTML 9Page - Silicon Laboratories Si8221CC-A-IS Datasheet HTML 10Page - Silicon Laboratories Si8221CC-A-IS Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Si8220/21
Rev. 0.22
7
3. Regulatory Information
Table 2. Regulatory Information*
CSA
The Si82xx is certified under CSA Component Acceptance Notice 5A. For more details, see File 232873.
VDE
The Si82xx is certified according to IEC 60747-5-2. For more details, see File 5006301-4880-0001.
UL
The Si82xx is certified under UL1577 component recognition program. For more details, see File E257455.
*Note: Regulatory Certifications apply to 2.5 kVRMS rated devices which are production tested to 3.0 kVRMS for 1 sec.
Regulatory Certifications apply to 3.75 kVRMS rated devices which are production tested to 4.5 kVRMS for 1 sec.
Regulatory Certifications apply to 5.0 kVRMS rated devices which are production tested to 6.0 kVRMS for 1 sec.
For more information, see "9.Ordering Guide" on page 21.
Table 3. Insulation and Safety-Related Specifications
Parameter
Symbol
Test Condition
Value
Unit
WB
SOIC-16
NB
SOIC-8
Nominal Air Gap (Clearance)1
L(IO1)
8.0 min
4.9 min
mm
Nominal External Tracking (Creepage)1
L(IO2)
8.0 min
4.01 min
mm
Minimum Internal Gap (Internal Clearance)
0.014
0.014
mm
Tracking Resistance
(Comparative Tracking Index)
CTI
DIN IEC
60112/VDE 0303
Part 1
>175
>175
V
Resistance (Input-Output)2
RIO
1012
1012
Capacitance (Input-Output)2
CIO
f = 1 MHz
2.0
1.0
pF
Input Capacitance3
CI
4.0
4.0
pF
Notes:
1. The values in this table correspond to the nominal creepage and clearance values as detailed in "12.Package Outline:
16-Pin Wide Body SOIC" on page 25, "10.Package Outline: 8-Pin Narrow Body SOIC" on page 23. VDE certifies the
clearance and creepage limits as 8.5 mm minimum for the WB SOIC-16 package and 4.7 mm minimum for the NB
SOIC-8 package. UL does not impose a clearance and creepage minimum for component level certifications. CSA
certifies the clearance and creepage limits as 3.9 mm minimum for the NB SOIC-8 and 7.6 mm minimum for the WB
SOIC-16 package.
2. To determine resistance and capacitance, the Si82xx is converted into a 2-terminal device. Pins 1–8 (1–4, NB SOIC-8)
are shorted together to form the first terminal and pins 9–16 (5–8, NB SOIC-8) are shorted together to form the second
terminal. The parameters are then measured between these two terminals.
3. Measured from input pin to ground.


Podobny numer części - Si8221CC-A-IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI8221CC-D-IS SKYWORKS-SI8221CC-D-IS Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
More results

Podobny opis - Si8221CC-A-IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
logo
Skyworks Solutions Inc.
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
logo
Texas Instruments
ISOM8710 TI-ISOM8710_V03 Datasheet
1Mb / 34P
[Old version datasheet]   ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED SEPTEMBER 2023
ISOM8710 TI1-ISOM8710_V02 Datasheet
1Mb / 30P
[Old version datasheet]   ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com