Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA3663 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TDA3663
Szczegółowy opis  Very low dropout voltage/quiescent current 3.3 V voltage regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA3663 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TDA3663 Datasheet HTML 6Page - NXP Semiconductors TDA3663 Datasheet HTML 7Page - NXP Semiconductors TDA3663 Datasheet HTML 8Page - NXP Semiconductors TDA3663 Datasheet HTML 9Page - NXP Semiconductors TDA3663 Datasheet HTML 10Page - NXP Semiconductors TDA3663 Datasheet HTML 11Page - NXP Semiconductors TDA3663 Datasheet HTML 12Page - NXP Semiconductors TDA3663 Datasheet HTML 13Page - NXP Semiconductors TDA3663 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TDA3663_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 26 June 2007
10 of 15
NXP Semiconductors
TDA3663
Very low dropout voltage/quiescent current 3.3 V voltage regulator
12. Test information
12.1 Quality information
The
General Quality Specification for Integrated Circuits, SNW-FQ-611 is applicable.
VP = 8 V and pulsed load.
IREG = 10 mA; C2 = 10 µF.
(1) SVRR at RL = 100 Ω.
(2) SVRR at RL = 500 Ω.
(3) SVRR at RL =10kΩ.
Fig 13. Fold back protection mode
Fig 14. Supply voltage ripple rejection as a function of
the ripple frequency
0
4
3
2
1
0
100
VREG
(V)
IREG (mA)
200
300
mgs696
−70
−60
−50
−40
−30
mda956
10
SVRR
(dB)
f (Hz)
102
103
104
105
(1)
(1)
(2)
(2)
(3)
(3)
(1) C1 is optional (to minimize supply noise only).
Fig 15. Test circuit (SO4)
014aaa088
VP
13
2, 4
TDA3663
C1(1)
C2(2)
1
µF
VREG = 3.3 V
ESR
> 3 Ω
+
+


Podobny numer części - TDA3663

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3663AT PHILIPS-TDA3663AT Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
More results

Podobny opis - TDA3663

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
logo
STMicroelectronics
ST2L05 STMICROELECTRONICS-ST2L05 Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com