Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA152X Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części TEA152X
Szczegółowy opis  SMPS ICs for low-power systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA152X Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button TEA152X Datasheet HTML 3Page - NXP Semiconductors TEA152X Datasheet HTML 4Page - NXP Semiconductors TEA152X Datasheet HTML 5Page - NXP Semiconductors TEA152X Datasheet HTML 6Page - NXP Semiconductors TEA152X Datasheet HTML 7Page - NXP Semiconductors TEA152X Datasheet HTML 8Page - NXP Semiconductors TEA152X Datasheet HTML 9Page - NXP Semiconductors TEA152X Datasheet HTML 10Page - NXP Semiconductors TEA152X Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TEA152X_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 23 March 2009
7 of 17
NXP Semiconductors
TEA152x
SMPS ICs for low-power systems
Figure 5 shows a typical curve for a reflected output voltage N
× V
o of 80 V. This voltage is
the output voltage Vo (see Figure 6) transferred to the primary side of the transformer with
the factor N (determined by the turns ratio of the transformer). Figure 5 shows that the
system switches exactly at minimum drain voltage for ringing frequencies of 480 kHz, thus
reducing the switch-on losses to a minimum. At 200 kHz, the next primary stroke is
started at 33
° before the valley. The switch-on losses are still reduced significantly.
8.5 Demagnetization
The system operates in discontinuous conduction mode all the time. As long as the
secondary stroke has not ended, the oscillator will not start a new primary stroke. During
the first tsuppr seconds, demagnetization recognition is suppressed. This suppression may
be necessary in applications where the transformer has a large leakage inductance and at
low output voltages.
8.6 Minimum and maximum duty factor
The minimum duty factor of the switched mode power supply is 0 %. The maximum duty
factor is set to 75 % (typical value at 100 kHz oscillation frequency).
8.7 OverCurrent Protection (OCP)
The cycle-by-cycle peak drain current limit circuit uses the external source resistor RI to
measure the current. The circuit is activated after the leading edge blanking time tleb. The
protection circuit limits the source voltage to Vsource(max), and thus limits the primary peak
current.
8.8 Short-circuit winding protection
The short-circuit winding protection circuit is also activated after the leading edge blanking
time. If the source voltage exceeds the short-circuit winding protection voltage Vswp, the IC
stops switching. Only a power-on reset will restart normal operation. The short-circuit
winding protection also protects in case of a secondary diode short circuit.
Fig 5.
Typical phase of drain ringing at switch-on (at N
× Vo =80V)
0
200
400
800
f (kHz)
phase
(
°)
40
20
−20
−40
0
mgt424
600


Podobny numer części - TEA152X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA152X PHILIPS-TEA152X Datasheet
95Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA152X NXP-TEA152X Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA152XAJM PHILIPS-TEA152XAJM Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA152XP PHILIPS-TEA152XP Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA152XT PHILIPS-TEA152XT Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
More results

Podobny opis - TEA152X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA152X NXP-TEA152X_10 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA152X PHILIPS-TEA152X Datasheet
95Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA1523P-N2112 PHILIPS-TEA1523P-N2112 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Rev. 04-14 September 2010
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com