Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA1713T Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części TEA1713T
Szczegółowy opis  Resonant power supply control IC with PFC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1713T Arkusz danych(HTML) 3 Page - NXP Semiconductors

  TEA1713T Datasheet HTML 1Page - NXP Semiconductors TEA1713T Datasheet HTML 2Page - NXP Semiconductors TEA1713T Datasheet HTML 3Page - NXP Semiconductors TEA1713T Datasheet HTML 4Page - NXP Semiconductors TEA1713T Datasheet HTML 5Page - NXP Semiconductors TEA1713T Datasheet HTML 6Page - NXP Semiconductors TEA1713T Datasheet HTML 7Page - NXP Semiconductors TEA1713T Datasheet HTML 8Page - NXP Semiconductors TEA1713T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
TEA1713T_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 22 December 2009
3 of 45
NXP Semiconductors
TEA1713T
Resonant power supply control IC with PFC
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
TEA1713T
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
Fig 1.
Block diagram of TEA1713
High-side driver
LEVEL
SHIFTER
Low-side driver
SUPREG
SWITCH
CONTROL
BOOST
COMPENSATION
ADAPTIVE
NON-OVERLAP
SENSING
CAPACITIVE
MODE
SENSING
BURST
SENSING
PFC / HBC
OVERCURRENT
REGULATION
SENSING
OUTPUT
UNDERVOLTAGE
SENSING
OVERCURRENT
PROTECTION
SENSING
OUTPUT
OVERVOLTAGE
SENSING
SERIES
STABILIZER AND
SUPREG SENSING
SUPPLY
CONTROL
INTERNAL
SUPPLIES
OPEN-LOOP
SENSING
CONTROLLED
OSCILLATOR
FEEDBACK
INPUT
HIGH
FREQUENCY
SENSING
+
I-V
V-I
SUPHS
14
9
SUPREG
6
SUPIC
12
SUPHV
2
SNSMAINS
1
COMPPFC
7
3
4
23
GATEPFC
SNSAUXPFC
SNSCURPFC
RCPROT
24
SNSBOOST
13
21
20
19
15
10
17
8
5
GATEHS
HB
GATELS
PGND
SNSCURHBC
SNSOUT
SNSFB
CFMIN
18
SGND
22
SSHBC/EN
RFMAX
014aaa850
+1.83 V
+3.5 V
+1 V
−1 V
+2.3 V
+0.5 V
−0.5 V
+0.4 V
+1.0 V
4.1 V
7.7 V
6.4 V
HV START-UP
SOURCE
SUPPLY MODULE
PFC CONTROLLER
HBC CONTROLLER
TEA1713
HV START-UP
SELECTION
MAINS
COMPENSATION
ON-TIMER
OFF-TIME LIMIT
FREQUENCY LIMIT
PFC
CONTROL
PFC driver
SUPREG
Error
amplifier
and clamp
PGND
MAINS RESET,
UNDERVOLTAGE
SENSING
AND CLAMP
+22/17 V
+20 V
+2.5 V
+15 V
BOOST
OVERVOLTAGE
SENSING
BOOST SHORT
SENSING
+0.4 V
+8.0 V
+3.0 V
+2.3 V
+1.6 V
+8.0 V
+5.6 V
+3.2 V
+2.63 V
+10.3 V
+10.9 V
SOFT START
CONTROL
DEMAGNETIZING
SENSING
OVERCURRENT
SENSING
VALLEY
SENSING
BOOST
UNDERVOLTAGE
SENSING
−0.1 V
+0.45 V
PROTECTION
AND RESTART
TIMER
OVER-
TEMPERATURE
SENSING
POLARITY
INVERSION
FREQUENCY
CONTROL
TWO SPEED
SOFT START
SWEEP
AND CLAMP
ENABLE
SENSING
PFC/HBC
+2 V
+1 V
+0.5 V
SOFT START
RESET
+1.15 V
SUPIC
START AND
UNDERVOLTAGE
SENSING


Podobny numer części - TEA1713T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1713T NXP-TEA1713T Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
TEA1713T NXP-TEA1713T_11 Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
More results

Podobny opis - TEA1713T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1713T NXP-TEA1713T_11 Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
TEA1716T PHILIPS-TEA1716T Datasheet
692Kb / 47P
   Resonant power supply control IC with PFC
Rev. 3-30 November 2012
SSL4120T NXP-SSL4120T Datasheet
400Kb / 47P
   Resonant power supply control IC with PFC
Rev. 1-21 June 2012
SSL4120 NXP-SSL4120 Datasheet
631Kb / 48P
   Resonant power supply controller IC with PFC for LED lighting
Rev. 1-8 January 2013
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
ICL5101 INFINEON-ICL5101_15 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.2, 2015-09-23
ICL5101 INFINEON-ICL5101_16 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
logo
Fuji Electric
FA5502 FUJI-FA5502 Datasheet
215Kb / 23P
   POWER SUPPLY CONTROL IC
logo
International Rectifier
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com