Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ567 Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części 2SJ567
Szczegółowy opis  TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (MOSV)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ567 Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  2SJ567 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ567 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ567 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ567 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ567 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ567 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SJ567
2009-07-13
5
Pulse width tw (S)
rth – tw
0.001
10
μ
100
μ
1 m
10 m
100 m
1
10
100
0.003
0.005
0.01
0.03
0.05
0.1
0.3
0.5
1
3
T
PDM
t
Duty
= t/T
Rth (ch-c) = 6.25°C/W
Duty
= 0.5
0.2
0.1
0.05
0.02
0.01
Single pulse
Drain-source voltage VDS (V)
Safe operating area
ID max (pulse) *
DC
operation
100
μs*
1 ms*
VDSS max
−0.005
−0.1
−0.3
−1
−3
−10
−30
−100
−300
−0.01
−0.03
−0.05
−0.1
−0.3
−0.5
−1
−3
−5
−10
−30
* Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated
linearly with increase in
temperature.
Channel temperature Tch (°C)
EAS – Tch
0
25
20
40
60
100
80
50
75
100
125
150
−15 V
15 V
Test circuit
Waveform
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = −50 V, L = 25.2 mH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS


Podobny numer części - 2SJ567

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SJ567 TOSHIBA-2SJ567 Datasheet
195Kb / 6P
   Silicon P-Channel MOS Type Switching Applications
2SJ567 TOSHIBA-2SJ567 Datasheet
234Kb / 6P
   Switching Applications
2SJ567 TOSHIBA-2SJ567 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
2SJ567 TOSHIBA-2SJ567_06 Datasheet
195Kb / 6P
   Silicon P-Channel MOS Type Switching Applications
More results

Podobny opis - 2SJ567

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
2SJ620 TOSHIBA-2SJ620 Datasheet
225Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-?-MOSV)
2SK3130 TOSHIBA-2SK3130 Datasheet
203Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (?-MOSV)
2SK3342 TOSHIBA-2SK3342 Datasheet
129Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSV)
2SK3310 TOSHIBA-2SK3310 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3471 TOSHIBA-2SK3471 Datasheet
104Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3314 TOSHIBA-2SK3314 Datasheet
263Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3543 TOSHIBA-2SK3543 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3374 TOSHIBA-2SK3374 Datasheet
227Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV)
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com