Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CARS-0505M Arkusz danych(PDF) 5 Page - Power Systems GmbH+Co.KG

Numer części CARS-0505M
Szczegółowy opis  DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Strona internetowa  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CARS-0505M Arkusz danych(HTML) 5 Page - Power Systems GmbH+Co.KG

  CARS-0505M Datasheet HTML 1Page - Power Systems GmbH+Co.KG CARS-0505M Datasheet HTML 2Page - Power Systems GmbH+Co.KG CARS-0505M Datasheet HTML 3Page - Power Systems GmbH+Co.KG CARS-0505M Datasheet HTML 4Page - Power Systems GmbH+Co.KG CARS-0505M Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.Power-Systems.de
Page: 5 / 5
Version: 4-Oct-02
CAR Series ( 2W REGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
CAR SERIES APPLICATION NOTES:
EXTERNAL CAPACITANCE REQUIREMENTS:
No external capacitance is required for operation of the CAR series.
To meet the reflected ripple requirements of the converter, an input impedance of less than 0.5 ohm
from DC to 100KHz is required.
External output capacitance is not required for operation, however it is recommended that 10uF
tantalum and 0.1uF ceramic capacitance be selected for reduced system noise.
Additional output capacitance may be added for increased filtering, but should not exceed 220uF.
Negative Outputs:
A negative output voltage may be obtained by connecting the +OUT to circuit ground and
connecting –OUT as the negative output.
FOR MORE INFORMATION CALL:
Power Systems – The Power Solution
74360 Ilsfeld-Auenstein ( Germany ) Dörnet 8
Tel: + 49 / 70 62 / 67 59 – 6
Fax: + 49 / 70 62 / 67 59 -80
E-mail: Info@Power-Systems.de
Home Page: www.Power-Systems.de


Podobny numer części - CARS-0505M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Welwyn Components Limit...
CAR WELWYN-CAR Datasheet
109Kb / 2P
   Ultra Precision Metal Film Resistors
logo
IRC - a TT electronics ...
CAR IRCTT-CAR Datasheet
193Kb / 2P
   Ultra Precision Metal Film Resistor
logo
TT Electronics.
CAR TTELEC-CAR Datasheet
310Kb / 3P
   Superior moisture performance
logo
Sanyou Corporation Limi...
CAR SANYOU-CAR Datasheet
171Kb / 2P
   Motorcycle Relay
logo
GOOD SKY ELECTRIC CO., ...
CAR GOODSKY-CAR Datasheet
390Kb / 4P
   Relay
More results

Podobny opis - CARS-0505M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Systems GmbH+Co.K...
CBRS-0505-3K POWER-SYSTEMS-CBRS-0505-3K Datasheet
245Kb / 5P
   DC-DC Converter UNIT 2W-3W REGULATED DC-DC CONVERTER
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
   DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
logo
Mean Well Enterprises C...
SPA02 MEANWELL-SPA02_11 Datasheet
249Kb / 1P
   2W DC-DC Regulated Single Output Converter
SPA02 MEANWELL-SPA02 Datasheet
247Kb / 1P
   2W DC-DC Regulated Single Output Converter
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
logo
Power Systems GmbH+Co.K...
SRS-0505-1 POWER-SYSTEMS-SRS-0505-1 Datasheet
203Kb / 5P
   DC-DC Converter UNIT 0,5W TO 1W REGULATED DC-DC CONVERTER
logo
Chinfa Electronics Ind....
SAD02-9559 CHINFA-SAD02-9559 Datasheet
265Kb / 2P
   DC - DC CONVERTER 2W
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com