Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCM61004RHBT Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCM61004RHBT
Szczegółowy opis  Four Output, Integrated VCO, Low-jitter Clock Generator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CDCM61004RHBT Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button CDCM61004RHBT Datasheet HTML 2Page - Texas Instruments CDCM61004RHBT Datasheet HTML 3Page - Texas Instruments CDCM61004RHBT Datasheet HTML 4Page - Texas Instruments CDCM61004RHBT Datasheet HTML 5Page - Texas Instruments CDCM61004RHBT Datasheet HTML 6Page - Texas Instruments CDCM61004RHBT Datasheet HTML 7Page - Texas Instruments CDCM61004RHBT Datasheet HTML 8Page - Texas Instruments CDCM61004RHBT Datasheet HTML 9Page - Texas Instruments CDCM61004RHBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CDCM61004
SCAS871D – FEBRUARY 2009 – REVISED FEBRUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At VCC = 3 V to 3.6 V, TA = –40°C to +85°C, unless otherwise noted.
CDCM61004
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVDS Output Characteristics(3) (See Figure 13 and Figure 14)
fOUT
Output frequency
43.75
683.264
MHz
|VOD|
Differential output voltage
0.247
0.454
V
ΔVOD
VDD magnitude change
50
mV
VOS
Common-mode voltage
1.125
1.375
V
ΔVOS
VOS magnitude change
50
mV
tRJIT
RMS phase jitter
625 MHz (10 kHz to 20 MHz)
0.73 ps, RMS
tR/tF
Output rise/fall time
20% to 80%
255
ps
ODC
Output duty cycle
45
55
%
tSKEW
Skew between outputs
40
ps
ICC, LVDS
Device current, LVDS
fIN = 25 MHz, fOUT = 625 MHz
150
195
mA
(3)
Figure 13 and Figure 14 show dc and ac test setups, respectively. Jitter measurements made using 25-MHz quartz crystal in.
TYPICAL OUTPUT PHASE NOISE CHARACTERISTICS
Over operating free-air temperature range (unless otherwise noted).
CDCM61004
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
250-MHz LVCMOS Output(1) (see Figure 10)
phn100
Phase noise at 100-Hz offset
–95
dBc/Hz
phn1k
Phase noise at 1-kHz offset
–110
dBc/Hz
phn10k
Phase noise at 10-kHz offset
–117
dBc/Hz
phn100k
Phase noise at 100-kHz offset
–120
dBc/Hz
phn1M
Phase noise at 1-MHz offset
–135
dBc/Hz
phn10M
Phase noise at 10-MHz offset
–148
dBc/Hz
phn20M
Phase noise at 20-MHz offset
–148
dBc/Hz
tRJIT
RMS phase jitter from 10 kHz to 20 MHz
544
fs, RMS
tPJIT
Total period jitter
27.4
ps, PP
Start-up time, power supply ramp time of 1 ms,
tSTARTUP
2.25
ms
final frequency accuracy of ±10 ppm
625-MHz LVPECL Output(2) (see Figure 12)
phn100
Phase noise at 100-Hz offset
–81
dBc/Hz
phn1k
Phase noise at 1-kHz offset
–101
dBc/Hz
phn10k
Phase noise at 10-kHz offset
–109
dBc/Hz
phn100k
Phase noise at 100-kHz offset
–112
dBc/Hz
phn1M
Phase noise at 1-MHz offset
–129
dBc/Hz
phn10M
Phase noise at 10-MHz offset
–146
dBc/Hz
phn20M
Phase noise at 20-MHz offset
–146
dBc/Hz
tRJIT
RMS phase jitter from 10 kHz to 20 MHz
509
fs, RMS
tPJIT
Total period jitter
26.9
ps, PP
Start-up time, power supply ramp time of 1 ms,
tSTARTUP
2.25
ms
final frequency accuracy of ±10 ppm
(1)
Figure 10 shows test setup and uses 25-MHz quartz crystal in, VCC = 3.3 V, TA = +25°C.
(2)
Figure 12 shows test setup and uses 25-MHz quartz crystal in, VCC = 3.3 V, TA = +25°C.
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCM61004


Podobny numer części - CDCM61004RHBT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCM61004RHBT TI-CDCM61004RHBT Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004RHBT TI-CDCM61004RHBT Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004RHBT TI1-CDCM61004RHBT Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
More results

Podobny opis - CDCM61004RHBT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002 Datasheet
865Kb / 34P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6100XEVM TI1-CDCM6100XEVM Datasheet
735Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com