Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AUC1G80 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części SN74AUC1G80
Szczegółowy opis  SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G80 Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74AUC1G80_08 Datasheet HTML 1Page - Texas Instruments SN74AUC1G80_08 Datasheet HTML 2Page - Texas Instruments SN74AUC1G80_08 Datasheet HTML 3Page - Texas Instruments SN74AUC1G80_08 Datasheet HTML 4Page - Texas Instruments SN74AUC1G80_08 Datasheet HTML 5Page - Texas Instruments SN74AUC1G80_08 Datasheet HTML 6Page - Texas Instruments SN74AUC1G80_08 Datasheet HTML 7Page - Texas Instruments SN74AUC1G80_08 Datasheet HTML 8Page - Texas Instruments SN74AUC1G80_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
V
CC
V
CC
3
2
4
5
1
D
Q
CLK
GND
DBVPACKAGE
(TOP VIEW)
3
2
4
5
1
D
V
CC
Q
CLK
GND
D
GND
Q
CLK
Seemechanicaldrawingsfordimensions.
1
4
2
3
5
DCKPACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOMVIEW)
DESCRIPTION/ORDERING INFORMATION
SN74AUC1G80
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SCES388K – MARCH 2002 – REVISED JANUARY 2007
• Available in the Texas Instruments
• Low Power Consumption, 10-µA Max I
CC
NanoFree™ Package
• ±8-mA Output Drive at 1.8 V
• Optimized for 1.8-V Operation and Is 3.6-V
• Latch-Up Performance Exceeds 100 mA Per
I/O Tolerant to Support Mixed-Mode Signal
JESD 78, Class II
Operation
• ESD Protection Exceeds JESD 22
• I
off Supports Partial-Power-Down Mode
2000-V Human-Body Model (A114-A)
Operation
200-V Machine Model (A115-A)
• Sub-1-V Operable
1000-V Charged-Device Model (C101)
• Max t
pd of 1.9 ns at 1.8 V
This single positive-edge-triggered D-type flip-flop is operational at 0.8-V to 2.7-V VCC, but is designed
specifically for 1.65-V to 1.95-V VCC operation.
When data at the data (D) input meets the setup time requirement, the data is transferred to the Q output on the
positive-going edge of the clock pulse. Clock triggering occurs at a voltage level and is not directly related to the
rise time of the clock pulse. Following the hold-time interval, data at the D input can be changed without
affecting the levels at the outputs.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
Reel of 3000
SN74AUC1G80YZPR
_ _ _UX_
(Pb-free)
–40
°C to 85°C
SOT (SOT-23) – DBV
Reel of 3000
SN74AUC1G80DBVR
U80_
SOT (SC-70) – DCK
Reel of 3000
SN74AUC1G80DCKR
UX_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - SN74AUC1G80_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUC1G80DBVR TI-SN74AUC1G80DBVR Datasheet
312Kb / 12P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGERED D-TYPE FLIP-FLOP
SN74AUC1G80DCKR TI-SN74AUC1G80DCKR Datasheet
312Kb / 12P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGERED D-TYPE FLIP-FLOP
SN74AUC1G80YEAR TI-SN74AUC1G80YEAR Datasheet
312Kb / 12P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGERED D-TYPE FLIP-FLOP
SN74AUC1G80YZAR TI-SN74AUC1G80YZAR Datasheet
312Kb / 12P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGERED D-TYPE FLIP-FLOP
More results

Podobny opis - SN74AUC1G80_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
logo
STMicroelectronics
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
April 2004
logo
Texas Instruments
SN74AUC1G74 TI-SN74AUC1G74_08 Datasheet
637Kb / 15P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Unisonic Technologies
U74LVC1G79 UTC-U74LVC1G79 Datasheet
192Kb / 7P
   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
RD74LVC1G79 RENESAS-RD74LVC1G79 Datasheet
2Mb / 9P
   Single Positive Edge-triggered D-type Flip Flop
logo
STMicroelectronics
74V1G80 STMICROELECTRONICS-74V1G80 Datasheet
200Kb / 10P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G79 RENESAS-HD74ALVC1G79_15 Datasheet
118Kb / 13P
   Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G80-Q1 TI1-SN74LVC1G80-Q1 Datasheet
881Kb / 23P
[Old version datasheet]   Single Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
STMicroelectronics
74V1T80 STMICROELECTRONICS-74V1T80 Datasheet
121Kb / 9P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com