Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK2961 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części 2SK2961
Szczegółowy opis  Relay Drive, Motor Drive and DC−DC Converter Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2961 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  2SK2961_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2961_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2961_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2961_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2961_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2961_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK2961
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L
2
−π−MOSV)
2SK2961
Relay Drive, Motor Drive and DC−DC Converter
Application
Low drain−source ON resistance
: RDS (ON) = 0.2 Ω (typ.)
High forward transfer admittance
: |Yfs| = 2.0 S (typ.)
Low leakage current
: IDSS = 100 μA (max) (VDS = 60 V)
Enhancement mode
: Vth = 0.8 to 2.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
60
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
60
V
Gate−source voltage
VGSS
±20
V
DC
(Note 1)
ID
2.0
Drain current
Pulse (Note 1)
IDP
6.0
A
Drain power dissipation
PD
0.9
W
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient
Rth (ch−a)
138
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Unit: mm
JEDEC
TO-92MOD
JEITA
TOSHIBA
2-5J1C
Weight: 0.36 g (typ.)


Podobny numer części - 2SK2961_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK2961 TOSHIBA-2SK2961_06 Datasheet
689Kb / 6P
   Silicon N Channel MOS Type Relay Drive, Motor Drive and DC−DC Converter Application
More results

Podobny opis - 2SK2961_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK2611 TOSHIBA-2SK2611_10 Datasheet
421Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SK2996 TOSHIBA-2SK2996_09 Datasheet
414Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SK2862 TOSHIBA-2SK2862_09 Datasheet
425Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SK2545 TOSHIBA-2SK2545_09 Datasheet
419Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SJ334 TOSHIBA-2SJ334_09 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SJ438 TOSHIBA-2SJ438_09 Datasheet
416Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SJ304 TOSHIBA-2SJ304_07 Datasheet
695Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2606 TOSHIBA-2SK2606_09 Datasheet
154Kb / 3P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ312 TOSHIBA-2SJ312_09 Datasheet
392Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_09 Datasheet
420Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com