Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPC6105 Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TPC6105
Szczegółowy opis  Silicon P Channel MOS Type (U-MOS III)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6105 Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TPC6105_06 Datasheet HTML 1Page - Toshiba Semiconductor TPC6105_06 Datasheet HTML 2Page - Toshiba Semiconductor TPC6105_06 Datasheet HTML 3Page - Toshiba Semiconductor TPC6105_06 Datasheet HTML 4Page - Toshiba Semiconductor TPC6105_06 Datasheet HTML 5Page - Toshiba Semiconductor TPC6105_06 Datasheet HTML 6Page - Toshiba Semiconductor TPC6105_06 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPC6105
2006-11-17
5
Ambient temperature Ta (°C)
RDS (ON) – Ta
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Ambient temperature Ta (°C)
Vth – Ta
Ambient temperature Ta (°C)
PD – Ta
Total gate charge Qg (nC)
Dynamic input/output characteristics
10
−0.1
−1
−10
−100
100
1000
10000
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
−0.0
−80
−40
0
40
80
120
160
−0.5
−1.0
−1.5
−2.0
Common source
VDS = −10 V
ID = −200 µA
Pulse test
−1
0
−10
−100
0.4
0.8
1.2
1.6
2.0
Common source
Ta
= 25°C
Pulse test
VGS = 0 V
−1
−1.8
−4.5
−2.5
0
0
−2
−4
−6
−8
−10
−4
−8
−12
−16
−20
0
−2
−4
−6
−8
−10
VDS
−4 V
−8 V
VDD = −16 V
VGS
Common source
ID = −2.7 A
Ta
= 25°C
Pulse test
0
−80
−40
0
40
80
120
160
50
100
150
200
250
300
0
0
0.5
1
1.5
2
2.5
40
80
120
160
(1) Device mounted on a
glass-epoxy board (a)
(Note 2a)
(2) Device mounted on a
glass-epoxy board (b)
(Note 2b)
(1) t
= 5 s
(2) t
= 5 s
(1) DC
(2) DC
Common source
Pulse test
VGS = −1.8 V
−2.5 V
−4.5 V
ID = −0.7, −1.4, −2.7 A
−0.7 A
ID = −2.7 A
ID = −1.4 A
−0.7 A
ID = −1.4 A


Podobny numer części - TPC6105_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPC6105 TOSHIBA-TPC6105 Datasheet
226Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPC6105 TOSHIBA-TPC6105 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC6105 VBSEMI-TPC6105 Datasheet
456Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Podobny opis - TPC6105_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPC6103 TOSHIBA-TPC6103 Datasheet
230Kb / 7P
   Silicon P Channel MOS Type (U-MOS III)
TPC8112 TOSHIBA-TPC8112 Datasheet
258Kb / 4P
   Field Effect Transistor Silicon P Channel MOS Type(U-MOS III)
TPCF8102 TOSHIBA-TPCF8102 Datasheet
224Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCA8105 TOSHIBA-TPCA8105 Datasheet
291Kb / 7P
   Silicon P Channel MOS Type (U-MOS III) Notebook PC Applications
TPCP8302 TOSHIBA-TPCP8302_08 Datasheet
272Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPC8127 TOSHIBA-TPC8127 Datasheet
222Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPCA8109 TOSHIBA-TPCA8109 Datasheet
238Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
   Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com