Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPCA8008-H Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TPCA8008-H
Szczegółowy opis  High Speed Switching Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8008-H Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TPCA8008-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8008-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8008-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8008-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8008-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8008-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8008-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCA8008-H
2007-12-18
4
0.1
0.1
1
1
10
VGS = 10 V
10
0.1
10
100
0.1
1
100
25
100
Ta
= −55°C
10
1
0
3
4
5
0
ID = 4 A
4
8
12
16
20
2
1
2
1
0
0
2
4
6
10
4
10
Ta
= −55°C
25
100
6
8
2
8
8
6
4
2
0
10
0
4
10
VGS = 4 V
4.4
6
10
4.7
5
8
6
2
8
5.5
5.3
5.7
Drain current ID (A)
RDS (ON) – ID
Common source
Ta
= 25°C
Pulse test
Drain-source voltage VDS (V)
ID – VDS
5
3
2
0
4
1
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Common source
VDS = 10 V
Pulse test
Gate-source voltage VGS (V)
VDS – VGS
Common source
Ta
= 25℃
Pulse test
Drain current ID (A)
⎪Yfs⎪ – ID
Common source
VDS = 10 V
Pulse test
0
1
2
3
4
VGS = 4 V
Common source
Ta
= 25°C
Pulse test
6
8
10
5
Common source
Ta
= 25°C
Pulse test
5.2
4.8
5
4.6
4.4


Podobny numer części - TPCA8008-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPCA8008-H TOSHIBA-TPCA8008-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Podobny opis - TPCA8008-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
   High Speed Switching Applications Analog Switching Applications
2SK1062TE85LF TOSHIBA-2SK1062TE85LF Datasheet
327Kb / 5P
   High Speed Switching Applications
SSM6L12TU TOSHIBA-SSM6L12TU Datasheet
241Kb / 9P
   High-Speed Switching Applications
TPC6D03 TOSHIBA-TPC6D03 Datasheet
205Kb / 7P
   High-Speed Switching Applications
logo
Sanyo Semicon Device
2SA1730 SANYO-2SA1730 Datasheet
91Kb / 3P
   High-Speed Switching Applications
2SA1331 SANYO-2SA1331 Datasheet
112Kb / 4P
   High-Speed Switching Applications
2SC4452 SANYO-2SC4452 Datasheet
89Kb / 3P
   High-Speed Switching Applications
2SC4455 SANYO-2SC4455 Datasheet
87Kb / 3P
   High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com