Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA-L0605-VSL Arkusz danych(PDF) 1 Page - Power Systems GmbH+Co.KG

Numer części CXA-L0605-VSL
Szczegółowy opis  DC-AC INVERTER UNIT 4W SINGLE OUTPUT WITH DIMMING FUNCTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Strona internetowa  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-L0605-VSL Arkusz danych(HTML) 1 Page - Power Systems GmbH+Co.KG

  CXA-L0605-VSL Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-L0605-VSL Datasheet HTML 2Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CXA-L0605-VSL (4W SINGLE OUTPUT WITH DIMMING FUNCTION)
DC-AC INVERTER UNIT
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 1 / 2 )
VER, 04 Dezember 2002
CN1-5
0V ~ 0.5V : OFF
2.5V ~ Vin : ON
Pin
CN1-1
CN1-2
CN1-3
CN1-4
Symbol
Vin
GND
Vrmt
N.C.
Note
4.75 ~ 5.25V
0 V
For an internal circuit use.
Don’t connect.
CN1 : 53261-0590 (Molex)
DESCRIPTION :
This low profile DC to AC Inverter is developed for single lamp , low power LCD
back-light. Application includes industrial PC and LCD monitor.
Applicable LCD; 5 to 15 inches single lamp type
Lamp Voltage
600Vrms
Lamp Current
6mArms
Lamp Start Up Voltage 1600Vrms
FEATURES :
Current feedback circuit
High efficiency
Low noise with voltage resonant circuit
Regulated output current
TEMPERATURE & HUMDITY :
Operating Temperature Range
0
~ +60
Storage Temperature Range
-30
~ +85
Humidity
95 %RH max
DIMENSIONS :
CN2 : SM02B- BHSS-1 (JST)
CN2-1
CN2-2
Pin
Symbol
Note
Vhigh
600Vrms (6mArms)
No.
1
2
3
Part Description
PWB
Connector CN1
Connector CN2
Note
UL94V-0
t=1.0mm
53261-0590
SM02B-BHSS-1
Qty.
1
1
1
Item
(JST)
(Molex)
°C
°C
°C
°C
Vbr
0 ~ 3V
(2V)
Note : Please use minimum of 2mm clearance (all directions) be tween inverter high voltage area (as marked above) and any condu ctors.
Vlow


Podobny numer części - CXA-L0605-VSL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Systems GmbH+Co.K...
CXA-L0605-VJL POWER-SYSTEMS-CXA-L0605-VJL Datasheet
61Kb / 4P
   DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
logo
TDK Electronics
CXA-L0605-VJL TDK-CXA-L0605-VJL Datasheet
85Kb / 2P
   DC to AC Inverters Connector type, Dimming, 4W, For 1 Bulb
More results

Podobny opis - CXA-L0605-VSL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Systems GmbH+Co.K...
CXA-L0624-VJL POWER-SYSTEMS-CXA-L0624-VJL Datasheet
152Kb / 4P
   DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A POWER-SYSTEMS-CXA-L0612A Datasheet
83Kb / 2P
   DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A-VML POWER-SYSTEMS-CXA-L0612A-VML Datasheet
34Kb / 2P
   DC-AC INVERTER UNIT 5W SINGLE OUTPUT WITH DIMMING FUNCTION
PS-L0612A-177 POWER-SYSTEMS-PS-L0612A-177 Datasheet
251Kb / 2P
   DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0605-VJL POWER-SYSTEMS-CXA-L0605-VJL Datasheet
61Kb / 4P
   DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A-VSL POWER-SYSTEMS-CXA-L0612A-VSL Datasheet
50Kb / 2P
   DC-AC INVERTER UNIT 5W SINGLE OUTPUT WITH DIMMING FUNCTION
PS-L0612A-239 POWER-SYSTEMS-PS-L0612A-239 Datasheet
77Kb / 2P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0605A-VJL POWER-SYSTEMS-CXA-L0605A-VJL Datasheet
231Kb / 2P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUT WITH DIMMING FUNCTION
PS-L0612A-238 POWER-SYSTEMS-PS-L0612A-238 Datasheet
76Kb / 2P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-0283 POWER-SYSTEMS-CXA-0283 Datasheet
174Kb / 4P
   DC-AC INVERTER UNIT 15W QUAD OUTPUT WITH DIMMING FUNCTION
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com