Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA-P1212B-WJL Arkusz danych(PDF) 1 Page - Power Systems GmbH+Co.KG

Numer części CXA-P1212B-WJL
Szczegółowy opis  DC-AC INVERTER UNIT 8W DOUBLE OUTPUT WITH DIMMING FUNCTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Strona internetowa  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-P1212B-WJL Arkusz danych(HTML) 1 Page - Power Systems GmbH+Co.KG

  CXA-P1212B-WJL Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-P1212B-WJL Datasheet HTML 2Page - Power Systems GmbH+Co.KG CXA-P1212B-WJL Datasheet HTML 3Page - Power Systems GmbH+Co.KG CXA-P1212B-WJL Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CXA-P1212B-WJL (8W DOUBLE OUTPUT WITH DIMMING FUNCTION)
DC-AC INVERTER UNIT
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 1 / 4 )
VER1.3 TO, 29 Apr. 2005
DESCRIPTION:
This DC to AC Inverter was developed for many other low LCD
Backlight power supply as low profile applications, either for LCD
Monitor or Industrial PC.
APPLICABLE LCD:
10 to 15 inches double lamp type
Lamp Voltage
600V
Lamp Current
6mA
Lamp Start Up Voltage
1700Vrms (Vin : 12V)
FEATURES :
PWM dimming type
Current Feedback Circuit
High Efficiency
Low noise with voltage resonant circuit
Regulated output current
TEMPERATURE & HUMDITY :
Operating Temperature Range
-10 °C ~ +70°C
Storage Temperature Range
-30 °C ~ +85°C
Humidity
95 %RH max
Unit : mm
Weight :21.2g typ.
No.
Part Discription
Qty.
Material
Note
1
PCB
1
UL94V-0 (FR-4 or CEM-3)
t=1.0mm
2
Connector CN1
1
53261-0790
Molex
3
Connector CN2; CN3
2
SM02(8.0)B-BHS-1
JST
CAUTION
HIGH VOLTAGE
1
107±0.5
153±0.5
2-ø3.5±0.2
10.25
±0.5
(2)
CN3
PS-P1212B-091
9615
MADE IN JAPAN
8.5MAX
CN2
1
1
1
2
3
3.5±0.3
4±0.3
4.85±0.3


Podobny numer części - CXA-P1212B-WJL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
CXA-P1212B-WJL TDK-CXA-P1212B-WJL Datasheet
41Kb / 2P
   DC-AC INVERTER UNIT
More results

Podobny opis - CXA-P1212B-WJL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Systems GmbH+Co.K...
CXA-P1212A-WJL POWER-SYSTEMS-CXA-P1212A-WJL Datasheet
57Kb / 2P
   DC-AC INVERTER UNIT 8W DOUBLE OUTPUTS WITH DIMMING FUNCTION
CXA-0271 POWER-SYSTEMS-CXA-0271 Datasheet
152Kb / 4P
   DC-AC INVERTER UNIT 6W DOUBLE OUTPUT WITH DIMMING FUNCTION
CXA-0338 POWER-SYSTEMS-CXA-0338 Datasheet
99Kb / 2P
   DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-P1612-WJL POWER-SYSTEMS-CXA-P1612-WJL Datasheet
171Kb / 2P
   DC-AC INVERTER UNIT 9W DOUBLE OUTPUT WITH DIMMING FUNCTION
CXA-P1212C-WJL POWER-SYSTEMS-CXA-P1212C-WJL Datasheet
88Kb / 2P
   DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0308 POWER-SYSTEMS-CXA-0308 Datasheet
174Kb / 2P
   DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0231 POWER-SYSTEMS-CXA-0231 Datasheet
169Kb / 4P
   DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH WIDE DIMMING FUNCTION
CXA-L0605-VSL POWER-SYSTEMS-CXA-L0605-VSL Datasheet
47Kb / 2P
   DC-AC INVERTER UNIT 4W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0624-VJL POWER-SYSTEMS-CXA-L0624-VJL Datasheet
152Kb / 4P
   DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A POWER-SYSTEMS-CXA-L0612A Datasheet
83Kb / 2P
   DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com