Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13224V Arkusz danych(PDF) 5 Page - Freescale Semiconductor, Inc

Numer części MC13224V
Szczegółowy opis  Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13224V Arkusz danych(HTML) 5 Page - Freescale Semiconductor, Inc

  MC13224V Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13224V Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13224V Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13224V Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13224V Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13224V Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13224V Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13224V Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13224V Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
MC13224V Technical Data, Rev. 1.2
Freescale Semiconductor
5
2.2
Features Summary
IEEE 802.15.4 standard compliant on-chip transceiver/modem
— 2.4 GHz ISM Band operation
— 16 selectable channels
— Programmable transmitter output power (-30 dBm to +4 dBm typical)
— World-class receiver sensitivity
– < -96 dBm typical receiver sensitivity using DCD mode (<1% PER, 20-byte packets)
– < -100 dBm typical receiver sensitivity using NCD mode (<1% PER, 20-byte packets)
Hardware acceleration for IEEE 802.15.4 applications
— MAC accelerator (sequencer and DMA interface)
— Advanced encryption/decryption hardware engine (AES 128-bit)
Supports standard IEEE 802.15.4 signaling with 250 kbps data rate
32-bit ARM7TDMI-S CPU core with programmable performance up to 26 MHz (24 MHz typical)
Extensive on-board memory resources
— 128 Kbyte serial FLASH memory (will be mirrored into RAM)
— 96 Kbyte SRAM
— 80 Kbyte ROM
Best-in-class power dissipation
— 22 mA typical RX current draw (DCD mode) with radio and MCU active
— 29 mA typical TX current draw with radio and MCU active (coin cell capable)
— 3.3 mA typical current draw with MCU active (radio off)
— 0.8 mA typical current with MCU idle (radio off)
— 0.85
μA typical Hibernate current (retain 8 Kbyte SRAM contents)
— 0.4
μA maximum Off current (device in reset)
Extensive sleep mode control and variation
— Hibernate and Doze low power modes
— Programmable degree of power down
— Clock management
— Onboard 2 kHz oscillator for wake-up timer.
— Optional 32.768 kHz crystal oscillator for accurate real-time sleep mode timing and wake-up
with a possible sleep period greater than 36.4 hours
— Wake-up through programmable timer, external real-time interrupts, or ADC timer
Extensive MCU peripherals set
— Dedicated 802.15.4 modem/radio interface module (RIF)
— Dedicated NVM SPI interface for managing FLASH memory
— Two dedicated UART modules capable of 2 Mbps with CTS/RTS support
— SPI port with programmable master and slave operation


Podobny numer części - MC13224V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC13224V NXP-MC13224V Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
More results

Podobny opis - MC13224V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1323X FREESCALE-MC1323X_1 Datasheet
514Kb / 38P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com