Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA17A-TP Arkusz danych(PDF) 1 Page - Micro Commercial Components

Numer części SA17A-TP
Szczegółowy opis  500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SA17A-TP Arkusz danych(HTML) 1 Page - Micro Commercial Components

  SA17A-TP Datasheet HTML 1Page - Micro Commercial Components SA17A-TP Datasheet HTML 2Page - Micro Commercial Components SA17A-TP Datasheet HTML 3Page - Micro Commercial Components SA17A-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DO-15
MIN
MAX
MIN
MAX
A
0.230
0.300
5 . 8 0
7 . 6 0
B
0.104
0.140
2 . 6 0
3 . 6 0
C
0.026
0.034
0 . 7 0
0 . 9 0
D
1 . 0 0 0
-----
2 5 . 4 0
-----
DIMENSIONS
DIM
INCHES
M M
NOTE
Features
MECHANICAL DATA
Maximum Ratings
Operating Temperature: -55
oC to +175oC
Storage Temperature: -55
oC to +175oC
For capacitive load, derate current by 20%
Electrical Characteristics @ 25
oC Unless Otherwise Specified
*Pulse test: Pulse width 300 usec, Duty cycle 1%
SA5.0(C)(A)
THRU
SA170(C)(A)
500WATTS TRANSIENT
VOLTAGE SUPPRESSOR
5.0 TO 170 VOLTS
P PPM
500W
TA=25
oC
Peak Forward Surge
Current
IFSM
70A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
3.5V
IFM=35A;
TJ=25
oC*
Steady State Power
Dissipation
P M(AV)
3.0
w
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: 10
2009/10/26
TM
Micro Commercial Components
TL=75
oC
Peak Pulse
Power Dissipation
www.mccsemi.com
1 of 4
Glass passivated chip
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
UL Recognized file # E331408
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.
Case Material: Molded Plastic , UL Flammability
Classification Rating : 94V-0 and MSL rating 1
Fast Response Time
Marking: Unidirectional-type number and cathode band
Bidirectional-type number only
Weight: 0.4 grams


Podobny numer części - SA17A-TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
SA17A-B LITTELFUSE-SA17A-B Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
More results

Podobny opis - SA17A-TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
P5KE5.0 MCC-P5KE5.0_11 Datasheet
393Kb / 8P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 200 VOLTS
logo
DAESAN ELECTRONIC CORP.
SA5.0 DAESAN-SA5.0 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Micro Commercial Compon...
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com