Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA5814FM Arkusz danych(PDF) 5 Page - Rohm

Numer części BA5814FM
Szczegółowy opis  Power Driver For Compact Disc Players
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA5814FM Arkusz danych(HTML) 5 Page - Rohm

  BA5814FM Datasheet HTML 1Page - Rohm BA5814FM Datasheet HTML 2Page - Rohm BA5814FM Datasheet HTML 3Page - Rohm BA5814FM Datasheet HTML 4Page - Rohm BA5814FM Datasheet HTML 5Page - Rohm BA5814FM Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/5
REV. A
(18) Thermal shutdown circuit
This IC incorporates a thermal shutdown circuit (TSD circuit).
When the chip temperature reaches the
value shown below, the coil output to the motor will be set to open.
The thermal shutdown circuit is designed only to shut off the IC from a thermal runaway and not
intended to protect or guarantee the entire IC functions.
Therefore, users cannot assume that the TSD circuit once activated can be used continuously in the
subsequent operations.
TSD ON Temperature
[
°C] (typ.)
Hysteresis Temperature
[
°C] (typ.)
175
25
(19) About earth wiring patterns
When a small signal GND and a large current GND are provided, it is recommended that the large
current GND pattern and the small signal GND pattern should be separated and grounded at a single
point of the reference point of the set in order to prevent the voltage of the small signal GND from being
affected by a voltage change caused by the resistance of the pattern wiring and the large current.
Make sure that the GND wiring patterns of the external components will not change, too.
(20) This IC is a monolithic IC which has a P
+ isolations and P substrate to isolate elements each other.
This P layer and an N layer in each element form a PN junction to construct various parasitic elements.
Due to the IC structure, the parasitic elements are inevitably created by the potential relationship.
Activation of the parasitic elements can cause interference between circuits and may result in a
malfunction or, consequently, a fatal damage.
Therefore, make sure that the IC must not be used
under conditions that may activate the parasitic elements, for example, applying the lower voltage than
the ground level (GND, P substrate) to the input terminals.
Note that, while not applying the power supply voltage to the IC, any voltage must not be applied to the
input terminals.
In addition, do not apply the voltage to input terminals without applying the power
supply voltage to the IC.
Also while applying the power supply voltage, each input terminal must be
the power supply voltage or less; or within the guaranteed values in the electric characteristics.


Podobny numer części - BA5814FM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA5814FM ROHM-BA5814FM Datasheet
403Kb / 3P
   5 channel BTL Driver for CD
BA5814FM ROHM-BA5814FM Datasheet
352Kb / 7P
   Power Driver For Compact Disc Players
BA5814FM-E2 ROHM-BA5814FM-E2 Datasheet
283Kb / 3P
   5 Channel Drivers/Regulator for car Mini Disk
BA5814FM ROHM-BA5814FM_1 Datasheet
352Kb / 7P
   Power Driver For Compact Disc Players
More results

Podobny opis - BA5814FM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA5929FP ROHM-BA5929FP Datasheet
424Kb / 7P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_1 Datasheet
352Kb / 7P
   Power Driver For Compact Disc Players
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP_1 Datasheet
285Kb / 6P
   Power Driver For Compact Disc Players
BA5826FP ROHM-BA5826FP Datasheet
349Kb / 7P
   Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP Datasheet
224Kb / 2P
   IC for Compact Disc Players
logo
Sony Corporation
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
   System Controller for Compact Disc Players
logo
Sanyo Semicon Device
LC78684E SANYO-LC78684E Datasheet
287Kb / 21P
   MP3 Decoder for Compact Disc Players
logo
Sony Corporation
CXP1021Q SONY-CXP1021Q Datasheet
564Kb / 28P
   System Controller for Compact Disc Players
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com