Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD3814FV Arkusz danych(PDF) 3 Page - Rohm

Numer części BD3814FV
Szczegółowy opis  6ch Electronic Volume
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD3814FV Arkusz danych(HTML) 3 Page - Rohm

  BD3814FV_1 Datasheet HTML 1Page - Rohm BD3814FV_1 Datasheet HTML 2Page - Rohm BD3814FV_1 Datasheet HTML 3Page - Rohm BD3814FV_1 Datasheet HTML 4Page - Rohm BD3814FV_1 Datasheet HTML 5Page - Rohm BD3814FV_1 Datasheet HTML 6Page - Rohm BD3814FV_1 Datasheet HTML 7Page - Rohm BD3814FV_1 Datasheet HTML 8Page - Rohm BD3814FV_1 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Technical Note
3/10
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3814FV
Parameter
Symbol
Limits
Unit.
Conditions
Min.
Typ.
Max.
Input impedance V
RinV
14
20
26
Measure: Pin27,28,29,30,31,32
Volume control range
GVR
-98
-95
-92
dB
Measure: Pin27,28,29,30,31,32
Vin=3Vrms
Volume set error 1
VE1
-1.5
0
1.5
dB
Measure: Pin27,28,29,30, 31,32
0 to –53dB, Vin=3Vrms
Volume set error 2
VE2
-2.5
0
2.5
dB
Measure: Pin27,28,29,30,31,32
-54 to –95dB,
Vin =3Vrms
Maximum attenuation
amount
Vmin
-115
-105
dB
Measure: Pin27,28,29,30,31,32
Vin =3Vrms, BW=IHF-A
Residual noise voltage 1
Vnom1
1.0
6.0
µVrms Measure: Pin27, 28
Tone: By-Pass, Rg=0Ω, BW=IHF-A
Residual noise voltage 2
Vnom2
1.0
6.0
µVrms
Measure: Pin29, 30, 31, 32
Rg=0Ω, BW=IHF-A
Cross talk between channels
SWch→Cch
CTCSWC
-95
-80
dB
Measure: Pin 29(OUTC)
Rg=0Ω, BW=IHF-A
Reference: Pin32(OUTSW)=1Vrms
Treble maximum boost gain
GTB
12
14
16
dB
Measure: Pin 27, 28
f=15kHz, Vin =0.4Vrms
Treble maximum cut gain
GTC
-16
-14
-12
dB
Measure: Pin 27, 28
f=15kHz, Vin =0.4Vrms
Treble step resolution
TR
2
dB
Measure: Pin 27, 28
f=15kHz, Vin =0.4Vrms
Treble gain set error
TE
-2
0
2
dB
Measure: Pin 27, 28
f=15kHz, Vin =0.4Vrms
Bass maximum boost gain
GBB
12
14
16
dB
Measure: Pin 27, 28
f=100Hz, Vin=0.4Vrms
Bass maximum cut gain
GBC
-16
-14
-12
dB
Measure: Pin 27, 28
f=100Hz, Vin =0.4Vrms
Bass step resolution
BR
2
dB
Measure: Pin 27, 28
f=100Hz, Vin =0.4Vrms
Bass gain set error
BE
-2
0
2
dB
Measure: Pin 27, 28
f=100Hz, Vin =0.4Vrms
* Note: This IC is not designed to be radiation-resistant.


Podobny numer części - BD3814FV_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3814FV ROHM-BD3814FV Datasheet
39Kb / 3P
   High- performance 5.1ch electronic volume
More results

Podobny opis - BD3814FV_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silan Microelectronics ...
SC5358 SILAN-SC5358 Datasheet
167Kb / 9P
   6CH ELECTRONIC VOLUME CONTROLLER
logo
Renesas Technology Corp
M61520FP RENESAS-M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
logo
Mitsubishi Electric Sem...
M62446AFP MITSUBISHI-M62446AFP Datasheet
5Mb / 19P
   6CH ELECTRONIC VOLUME WITH TONE CONTROL
logo
Renesas Technology Corp
M61541FP RENESAS-M61541FP Datasheet
331Kb / 16P
   6ch Electronic Volume with Tone Control
logo
List of Unclassifed Man...
REJ03F0057_M61520FP ETC-REJ03F0057_M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
logo
Renesas Technology Corp
M61539FP RENESAS-M61539FP Datasheet
147Kb / 18P
   6ch Electronic Volume with Tone Control
M62446AFP RENESAS-M62446AFP Datasheet
240Kb / 19P
   6ch Electronic Volume with Tone Control
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
   6ch Electronic Volume with 4 Input Selector
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
   6ch Electronic Volume with 5 Input Selector
logo
Hitachi Semiconductor
M61540FP HITACHI-M61540FP Datasheet
158Kb / 17P
   6ch Electronic Volume with 5 Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com