Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCC10-14JAW-L Arkusz danych(PDF) 1 Page - PANDUIT CORP.

Numer części LCC10-14JAW-L
Szczegółowy opis  COPPER LUG - SLOTTED TWO-HOLE, LONG BARREL WITH WINDOW
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANDUIT [PANDUIT CORP.]
Strona internetowa  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LCC10-14JAW-L Arkusz danych(HTML) 1 Page - PANDUIT CORP.

  LCC10-14JAW-L Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LCC10-14JAW-CUST
LCC10-14JAW-L
Copper Lug - Slotted Two-Hole, Long Barrel with Window
REV
DATE
BY
CHK
DESCRIPTION
ECN
CORP. TINLEY PARK, ILLINOIS
DRAWING NO / CAD FILE
SCALE
THIS COPY IS PROVIDED ON A RESTRICTED BASIS AND IS NOT TO BE USED IN ANY WAY DETRIMENTAL TO THE INTERESTS OF PANDUIT CORP.
Material
Plating
Wire Size
Wire Type
Wire Strip Length
Stud Size
UL Listed Wire
Connector
UL Temperature
Rating
C.S.A Certified
Wire Connector
Panduit Color Code
on Barrel
Panduit Die Index No.
on Barrel
Alternate Industry
Die Index No. ( )
on Barrel
01
12/04 JHNU JHNU
REVISED WIRE SIZE
12305
LISTED
Wire Connector
N/A
High Conductivity
Seamless Copper Tube
Electro-Tin
14 - 10 AWG STR, 12 - 10 AWG SOL
Stranded Copper; Class B:
Compact, Compressed or
Concentric, Class C: Concentric
9/16 in.
1/4 in.
Yes, for applications up to 35kv.
Consult cable manufacturer for
voltage stress relief instructions
with applications greater than
2000 volts.
90 C
Yes
N/A
N/A
N/A
CERTIFIED
.42±.04
.25±.04
1.93±.06
.50±.02
.13 REF.
.63±.02
.27±.02 DIA
.27±.02
.05±.01
.13±.01
.22±.01
.53±.04
Beveled wire
entry
Wire inspection window


Podobny numer części - LCC10-14JAW-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PANDUIT CORP.
LCC10-14AW-L PANDUIT-LCC10-14AW-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
LCC10-14AWF-L PANDUIT-LCC10-14AWF-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
LCC10-14AWH-L PANDUIT-LCC10-14AWH-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
LCC10-14BW-L PANDUIT-LCC10-14BW-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
LCC10-14BWF-L PANDUIT-LCC10-14BWF-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
More results

Podobny opis - LCC10-14JAW-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PANDUIT CORP.
LCC6-14JAW-L PANDUIT-LCC6-14JAW-L Datasheet
84Kb / 1P
   Copper Lug - Slotted Two-Hole, Long Barrel with Window
LCC4-14ADW-L PANDUIT-LCC4-14ADW-L Datasheet
84Kb / 1P
   COPPER LUG - SLOTTED TWO-HOLE, LONG BARREL WITH WINDOW
LCC2-14BW-Q PANDUIT-LCC2-14BW-Q Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
LCC6-38DW-L PANDUIT-LCC6-38DW-L Datasheet
92Kb / 1P
   COPPER LUG - TWO-HOLE, LONG BARREL WITH WINDOW
LCC350-12-X PANDUIT-LCC350-12-X Datasheet
96Kb / 1P
   Copper Lug-Two-Hole, Long Barrel
LCD10-14A-L PANDUIT-LCD10-14A-L Datasheet
90Kb / 1P
   COPPER LUG - TWO-HOLE, STANDARD BARREL
LCD8-14A-L PANDUIT-LCD8-14A-L Datasheet
92Kb / 1P
   COPPER LUG - TWO-HOLE, STANDARD BARREL
LCD2-14A-Q PANDUIT-LCD2-14A-Q Datasheet
90Kb / 2P
   Code Conductor, Two-Hole, Standard Barrel with Window Lug
LCDX8-14A-L PANDUIT-LCDX8-14A-L Datasheet
93Kb / 1P
   COPPER LUG - TWO-HOLE, STANDARD FLEX BARREL
LCB4-56-L PANDUIT-LCB4-56-L Datasheet
90Kb / 1P
   LCB4-56-L Copper Lug-One-Hole, Long Barrel
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com