Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3DV20812RHH Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TS3DV20812RHH
Szczegółowy opis  2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3DV20812RHH Arkusz danych(HTML) 3 Page - Texas Instruments

  TS3DV20812RHH Datasheet HTML 1Page - Texas Instruments TS3DV20812RHH Datasheet HTML 2Page - Texas Instruments TS3DV20812RHH Datasheet HTML 3Page - Texas Instruments TS3DV20812RHH Datasheet HTML 4Page - Texas Instruments TS3DV20812RHH Datasheet HTML 5Page - Texas Instruments TS3DV20812RHH Datasheet HTML 6Page - Texas Instruments TS3DV20812RHH Datasheet HTML 7Page - Texas Instruments TS3DV20812RHH Datasheet HTML 8Page - Texas Instruments TS3DV20812RHH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TS3DV20812
www.ti.com
SCDS302 – JUNE 2010
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Supply voltage range
–0.5
4.6
V
VIN
Control input voltage range(2)(3)
SEL
–0.5
7
V
I/O
–0.5
7
V
VIO
Switch I/O voltage range (all three I/O ports)(4)
D0-D3, Aux, HPD, CAD/CEC
–0.5
VCC + 0.5
V
A port and B port
–0.5
VCC + 0.5
V
IIK
Control input clamp current
VIN < 0
–50
mA
II/OK
I/O port clamp current
VO < 0
–50
mA
IIO
Continuous output current(5)
ON-state switch
±128
mA
Continuous current through VDD or GND
±100
mA
ΘJA
Package thermal impedance(6)
RHH package
31.8
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
VI and VO are used to denote specific conditions for VIO.
(5)
II and IO are used to denote specific conditions for IIO.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VDD
Supply voltage
2.25
3. 6
V
VIH
High-level control input voltage
SEL
2
5.5
V
VIL
Low-level control input voltage
SEL
0
0.8
V
VI/O
Input/output voltage
All ports
0
5.5
V
VANALOG
Analog signal range
Differential signal range
0
VDD
V
VI
Input tolerant
SEL
0
5.5
V
TA
Operating free-air temperature
–40
85
°C
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS3DV20812


Podobny numer części - TS3DV20812RHH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3DV20812RHH TI-TS3DV20812RHH Datasheet
1Mb / 22P
[Old version datasheet]   2-Gbps DIFFERENTIAL SWITCH 8-Bit, 1:2 MULTIPLEXER/DEMULTIPLEXER WITH 3-SIDE BAND SIGNALS
TS3DV20812RHHR TI-TS3DV20812RHHR Datasheet
1Mb / 22P
[Old version datasheet]   2-Gbps DIFFERENTIAL SWITCH 8-Bit, 1:2 MULTIPLEXER/DEMULTIPLEXER WITH 3-SIDE BAND SIGNALS
More results

Podobny opis - TS3DV20812RHH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3DV20812 TI-TS3DV20812_1 Datasheet
1Mb / 22P
[Old version datasheet]   2-Gbps DIFFERENTIAL SWITCH 8-Bit, 1:2 MULTIPLEXER/DEMULTIPLEXER WITH 3-SIDE BAND SIGNALS
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163 Datasheet
58Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163 Datasheet
102Kb / 4P
   2-BIT 8:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163_06 Datasheet
60Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163_06 Datasheet
125Kb / 8P
   5V ECL 2-Bit 8:1 Multiplexer
November, 2006 ??Rev. 10
logo
Integrated Circuit Syst...
ICS83052I-01 ICST-ICS83052I-01 Datasheet
217Kb / 12P
   2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158 Datasheet
100Kb / 4P
   5-BIT 2:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E158 MICREL-SY10E158_06 Datasheet
59Kb / 4P
   5-BIT 2:1 MULTIPLEXER
logo
Renesas Technology Corp
83052I-01 RENESAS-83052I-01 Datasheet
509Kb / 16P
   2-Bit, 2:1, Single-Ended Multiplexer
December 16, 2015
logo
Micrel Semiconductor
SY10E158 MICREL-SY10E158 Datasheet
58Kb / 4P
   5-BIT 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com