Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3DV20812RHHR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3DV20812RHHR
Szczegółowy opis  2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3DV20812RHHR Arkusz danych(HTML) 4 Page - Texas Instruments

  TS3DV20812RHHR Datasheet HTML 1Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 2Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 3Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 4Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 5Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 6Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 7Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 8Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TS3DV20812
SCDS302 – JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
for high-frequency switching over recommended operating free-air temperature range VDD = 3.3 V ± 0.3 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
VIK
SEL
VDD = 3.6 V,
IIN = –18 mA
–0.7
–1.2
V
IIH
SEL
VDD = 3.6 V,
VIN = VDD
±1
mA
IIL
SEL
VDD = 3.6 V,
VIN = GND
±1
mA
IOFF
VDD = 06 V,
VO = 0 to 3.6 V ,
VI = 0 , VIN = 0
1
mA
ICC
VDD = 3.6 V,
IIO = 0
Switch ON or OFF
250
500
mA
CIN
SEL
f = 10 MHz ,
VIN = 0
2
2.5
pF
COFF
3-Port
f = 10 MHz ,
VIN = 0 ,
Output is Open, Switch is
2.5
4
pF
OFF
CON
3-Port
f = 10 MHz ,
VIN = 0 ,
Output is Open, Switch is
8
pF
ON
rON
VDD = 3.6 V
1.5 V
≤ VI ≤ VDD,
IO = –40 mA
4
6
Ω
rON(flat)
(3)
VDD = 3.6 V
1.5 V
≤ VI ≤ VDD,
IO = –40 mA
0.5
Ω
Δ rON
(4)
VDD = 3.6 V
1.5 V
≤ VI ≤ VDD,
IO = –40 mA
0.4
1
Ω
(1)
VI, VO, II, and IO refer to I/O pins, VIN refers to the control inputs.
(2)
All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°.
(3)
rON(flat) is the difference of rON in a given channel at specified voltages.
(4)
ΔrON is the difference of rON from center (D0 to Dn) ports to any other port.
ELECTRICAL CHARACTERISTICS
for high-frequency switching over recommended operating free-air temperature range VDD = 2.5 V ± 0.25 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
VIK
SEL
VDD = 2.5 V ,
IIN = –18 mA
–0.7
–1.2
V
IIH
SEL
VDD = 2.5 V ,
VIN = VDD
±1
mA
IIL
SEL
VDD = 2.5 V ,
VIN = GND
±1
mA
IOFF
VDD = 06 V,
VO = 0 to 2.5 V ,
VI = 0 , VIN = 0
1
mA
ICC
VDD = 2.5 V ,
IIO = 0
Switch ON or OFF
250
500
mA
CIN
SEL
f = 10 MHz ,
VIN = 0
2
2.5
pF
COFF
3-Port
f = 10 MHz ,
VIN = 0 ,
Output is Open, Switch is
2.5
4
pF
OFF
CON
3-Port
f = 10 MHz ,
VIN = 0 ,
Output is Open, Switch is
8
pF
ON
rON
VDD = 2.5 V
1.5 V
≤ VI ≤ VDD,
IO = –40 mA
4
6
Ω
rON(flat)
(3)
VDD = 2.5 V
VI = 1.5 V and VDD,
IO = –40 mA
0.5
Ω
Δ rON
(4)
VDD = 2.5 V
1.5 V
≤ VI ≤ VDD,
IO = –40 mA
0.4
1
Ω
(1)
VI, VO, II, and IO refer to I/O pins, VIN refers to the control inputs.
(2)
All typical values are at VDD = 2.5 V (unless otherwise noted), TA = 25°.
(3)
rON(flat) is the difference of rON in a given channel at specified voltages.
(4)
ΔrON is the difference of rON from center (D0 to Dn) ports to any other port.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TS3DV20812


Podobny numer części - TS3DV20812RHHR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3DV20812RHHR TI-TS3DV20812RHHR Datasheet
1Mb / 22P
[Old version datasheet]   2-Gbps DIFFERENTIAL SWITCH 8-Bit, 1:2 MULTIPLEXER/DEMULTIPLEXER WITH 3-SIDE BAND SIGNALS
More results

Podobny opis - TS3DV20812RHHR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3DV20812 TI-TS3DV20812_1 Datasheet
1Mb / 22P
[Old version datasheet]   2-Gbps DIFFERENTIAL SWITCH 8-Bit, 1:2 MULTIPLEXER/DEMULTIPLEXER WITH 3-SIDE BAND SIGNALS
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163 Datasheet
58Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163 Datasheet
102Kb / 4P
   2-BIT 8:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163_06 Datasheet
60Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163_06 Datasheet
125Kb / 8P
   5V ECL 2-Bit 8:1 Multiplexer
November, 2006 ??Rev. 10
logo
Integrated Circuit Syst...
ICS83052I-01 ICST-ICS83052I-01 Datasheet
217Kb / 12P
   2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158 Datasheet
100Kb / 4P
   5-BIT 2:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E158 MICREL-SY10E158_06 Datasheet
59Kb / 4P
   5-BIT 2:1 MULTIPLEXER
logo
Renesas Technology Corp
83052I-01 RENESAS-83052I-01 Datasheet
509Kb / 16P
   2-Bit, 2:1, Single-Ended Multiplexer
December 16, 2015
logo
Micrel Semiconductor
SY10E158 MICREL-SY10E158 Datasheet
58Kb / 4P
   5-BIT 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com