Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD1209T3-A1 Arkusz danych(PDF) 4 Page - TDK Electronics

Numer części SD1209T3-A1
Szczegółowy opis  Electromagnetic Buzzers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

SD1209T3-A1 Arkusz danych(HTML) 4 Page - TDK Electronics

  SD1209T3-A1 Datasheet HTML 1Page - TDK Electronics SD1209T3-A1 Datasheet HTML 2Page - TDK Electronics SD1209T3-A1 Datasheet HTML 3Page - TDK Electronics SD1209T3-A1 Datasheet HTML 4Page - TDK Electronics SD1209T3-A1 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
(3/4)
006-01 / 20090108 / ec211_sd.fm
• All specifications are subject to change without notice.
SD1614T5-B5M(Applicable to automobile) / ø16mm TYPE
FEATURES
• These high reliability electromagnetic buzzers are applicable to
automobile equipment.
• Pin type terminal construction enables direct mounting onto
printed circuit boards.
APPLICATIONS
Various alarms of automobile equipment.
FREQUENCY CHARACTERISTICS
Around 2000Hz
SHAPES AND DIMENSIONS
SPECIFICATIONS
• Please ask us for details which is designed an another operating rated
frequency.
100
90
80
70
60
1000
2000
3000
Frequency(Hz)
Part No.
SD1614T5-B5M
Rated voltage Eo-p(V)
5
Operating voltage Eo-p(V)
3 to 6
Drive conditions: Rated voltage, square wave form [duty 50%]
Drive frequency(Hz)
2048
Sound pressure(dB(A)/10cm)min.
85
Current Io-p(mA)max.
80
DC resistance(
Ω)typ.
70
Terminal construction
Pin terminal
Operating temperature range
–40 to +85°C
Storage temperature range
–40 to +85°C
Sound release
hole
3.2
0.5
5.5
14
+ Positive
mark
•The longer pin is the + side.
Weight: 4g Dimensions in mm


Podobny numer części - SD1209T3-A1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Winchester Electronics ...
SD1209-1-15-MA9 WINCHESTER-SD1209-1-15-MA9 Datasheet
245Kb / 1P
   ADAPTER, M-F N-SMA
SD1209-10 WINCHESTER-SD1209-10 Datasheet
71Kb / 1P
   ADAPTER, N, M-F
SD1209-13 WINCHESTER-SD1209-13 Datasheet
61Kb / 1P
   ADAPTER, F-F, N
SD1209-15 WINCHESTER-SD1209-15 Datasheet
69Kb / 1P
   ADAPTER N(F)-C(M)
SD1209-19 WINCHESTER-SD1209-19 Datasheet
57Kb / 1P
   N BULKHEAD ADAPTER PRESSUIRIZED (F-F)
More results

Podobny opis - SD1209T3-A1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
SDR08540M3-01 TDK-SDR08540M3-01 Datasheet
59Kb / 4P
   Electromagnetic Buzzers
PS1240P02BT TDK-PS1240P02BT Datasheet
128Kb / 7P
   Piezoelectronic Buzzers
PS1420P02AT TDK-PS1420P02AT Datasheet
163Kb / 8P
   Piezoelectronic Buzzers
logo
Murata Manufacturing Co...
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1_17 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPH2002 MURATA-PKM22EPH2002_17 Datasheet
220Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH2002-B0 MURATA-PKM22EPPH2002-B0_17 Datasheet
217Kb / 3P
   Piezoelectric Sounders / Buzzers
logo
Dubilier
HJ50-110V-P DUBILIER-HJ50-110V-P Datasheet
60Kb / 1P
   SOUNDERS MECHANICAL BUZZERS
logo
Murata Manufacturing Co...
PKLCS1212E2400-R1 MURATA-PKLCS1212E2400-R1 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH4002-B0 MURATA-PKM22EPPH4002-B0_17 Datasheet
218Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E4001-R1 MURATA-PKLCS1212E4001-R1 Datasheet
211Kb / 3P
   Piezoelectric Sounders / Buzzers
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com