Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21440IUZ Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL21440IUZ
Szczegółowy opis  Micropower Voltage Reference with Comparator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21440IUZ Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL21440IUZ Datasheet HTML 2Page - Intersil Corporation ISL21440IUZ Datasheet HTML 3Page - Intersil Corporation ISL21440IUZ Datasheet HTML 4Page - Intersil Corporation ISL21440IUZ Datasheet HTML 5Page - Intersil Corporation ISL21440IUZ Datasheet HTML 6Page - Intersil Corporation ISL21440IUZ Datasheet HTML 7Page - Intersil Corporation ISL21440IUZ Datasheet HTML 8Page - Intersil Corporation ISL21440IUZ Datasheet HTML 9Page - Intersil Corporation ISL21440IUZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN6532.1
March 2, 2010
PSRR
Power Supply Rejection Ratio
V+ = 2V to 11V
MSOP Package
0.25
1.1
mV/V
1.2
mV/V
TDFN Package
0.25
1.5
mV/V
1.6
mV/V
VHYST
Hysteresis Input Voltage
REF -
50mV
REF
V
tPHL
Propagation Delay - High to
Low Transition
CL = 100pF
Overdrive = 10mV
100
µs
Overdrive = 100mV
50
µs
tPLH
Propagation Delay - Low to
High Transition
CL = 100pF
Overdrive = 10mV
200
µs
Overdrive = 100mV
100
µs
VOH
Output High Voltage
IO = -10mA
(V+) - 0.4
V
VOL
Output Low Voltage
IO = 3mA
GND +
0.4
V
REFERENCE
VREF
Reference Voltage
No Load
1.176
1.188
V
ΔVREF
Output Load Regulation
0 ≤ ISOURCE ≤ 2mA
-0.5
-2.0
mV
-2.5
mV
0 ≤ ISINK ≤ 10µA
0.1
2.0
mV
2.5
mV
V+ = 3.0V, V- = GND = 0V
ICC
Supply Current
IN+ = IN- +80mV,
HYST =REF
0.40
0.7
µA
0.8
µA
COMPARATOR
VOS
Input offset Voltage
VCM = 1.5V
MSOP Package
±2.3
±3.4
mV
±3.5
mV
TDFN Package
±2.3
±4.2
mV
±4.3
mV
IIN
Input Leakage Current
(IN+, IN-, HYST)
VIN+ = VIN- = 1.5V
0.1
1.1
nA
3
nA
VCM
Common-Mode Input Range
V-
(V+) - 1.5
V
CMRR
Common-Mode Rejection Ratio V- to (V+ - 1.5V)
MSOP Package
1.2
5
mV/V
5.5
mV/V
TDFN Package
1.2
7.5
mV/V
8
mV/V
PSRR
Power Supply Rejection Ratio
V+ = 2V to 11V
MSOP Package
0.25
1.1
mV/V
1.2
mV/V
TDFN Package
0.25
1.5
mV/V
1.6
mV/V
VHYST
Hysteresis Input Voltage
REF -
50mV
REF
V
Analog Specifications V+= +5.0V. V- = GND = 0V unless otherwise specified, TA = +25°C. Boldface limits apply
over the operating temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 10)
TYP
(Note 9)
MAX
(Note 10) UNITS
ISL21440


Podobny numer części - ISL21440IUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21440IUZ INTERSIL-ISL21440IUZ Datasheet
845Kb / 16P
   Micropower Voltage Reference with Comparator
logo
Renesas Technology Corp
ISL21440IUZ RENESAS-ISL21440IUZ Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
ISL21440IUZ-T13 RENESAS-ISL21440IUZ-T13 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
More results

Podobny opis - ISL21440IUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440_11 Datasheet
845Kb / 16P
   Micropower Voltage Reference with Comparator
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com