Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28127FUBZ Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL28127FUBZ
Szczegółowy opis  Precision Single and Dual Low Noise Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28127FUBZ Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL28127FUBZ Datasheet HTML 5Page - Intersil Corporation ISL28127FUBZ Datasheet HTML 6Page - Intersil Corporation ISL28127FUBZ Datasheet HTML 7Page - Intersil Corporation ISL28127FUBZ Datasheet HTML 8Page - Intersil Corporation ISL28127FUBZ Datasheet HTML 9Page - Intersil Corporation ISL28127FUBZ Datasheet HTML 10Page - Intersil Corporation ISL28127FUBZ Datasheet HTML 11Page - Intersil Corporation ISL28127FUBZ Datasheet HTML 12Page - Intersil Corporation ISL28127FUBZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ISL28127, ISL28227
9
FN6633.3
March 18, 2010
FIGURE 13. OPEN-LOOP GAIN, PHASE vs
FREQUENCY, RL =10kΩ, CL = 10pF
FIGURE 14. OPEN-LOOP GAIN, PHASE vs
FREQUENCY, RL = 10kΩ, CL = 100pF
FIGURE 15. FREQUENCY RESPONSE vs CLOSED LOOP
GAIN
FIGURE 16. FREQUENCY RESPONSE vs FEEDBACK
RESISTANCE Rf/Rg
FIGURE 17. GAIN vs FREQUENCY vs RL
FIGURE 18. GAIN vs FREQUENCY vs CL
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise
specified. (Continued)
FREQUENCY (Hz)
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
0.1m1m 10m100m 1 10 100 1k 10k100k 1M 10M100M
RL = 10k
SIMULATION
CL = 10pF
GAIN
PHASE
FREQUENCY (Hz)
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
0.1m1m 10m100m 1 10 100 1k 10k100k 1M 10M100M
RL = 10k
SIMULATION
CL = 100pF
GAIN
PHASE
FREQUENCY (Hz)
100k
1M
10M
100M
10k
1k
-10
0
10
20
30
40
50
60
70
100
AV = 1
AV = 100
AV = 1000
VS = ±15V
VOUT = 100mVP-P
CL = 3.5pF
RL = INF
Rg = 100, Rf = 100k
Rg = 10k, Rf = 100k
AV = 10
Rg = 1k, Rf = 100k
Rg = OPEN, Rf = 0
-5
-3
-1
1
3
5
7
9
11
13
15
FREQUENCY (Hz)
100k
1M
10M
100M
10k
1k
Rf = Rg = 100k
Rf = Rg = 100
Rf = Rg = 10k
Rf = Rg = 1k
VS = ±15V
RL = 10k
AV = +2
VOUT = 100mVP-P
CL = 3.5pF
-5
-4
-3
-2
-1
0
1
2
FREQUENCY (Hz)
100k
1M
10M
100M
10k
1k
VS = ±15V
AV = +1
VOUT = 100mVP-P
CL = 3.5pF
RL = 100
RL = 49.9
RL = 10k
RL = 1k
RL = 499
FREQUENCY (Hz)
100k
1M
10M
100M
10k
1k
-3
-2
-1
0
1
2
3
4
5
6
7
VS = ±15V
RL = 10k
AV = +1
VOUT = 100mVP-P
CL = 1000pF
CL = 220pF
CL = 100pF
CL = 25.5pF
CL = 3.5pF


Podobny numer części - ISL28127FUBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28127FUBZ INTERSIL-ISL28127FUBZ Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FUBZ INTERSIL-ISL28127FUBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
logo
Renesas Technology Corp
ISL28127FUBZ RENESAS-ISL28127FUBZ Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

Podobny opis - ISL28127FUBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com