Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF-SB160808-600 Arkusz danych(PDF) 1 Page - Caliber Electronics Inc.

Numer części BF-SB160808-600
Szczegółowy opis  Multilayer Ferrite Chip Bead
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CALIBER [Caliber Electronics Inc.]
Strona internetowa  
Logo CALIBER - Caliber Electronics Inc.

BF-SB160808-600 Arkusz danych(HTML) 1 Page - Caliber Electronics Inc.

  BF-SB160808-600 Datasheet HTML 1Page - Caliber Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Series
Packaging Style
SB=General Purpose
B=Bulk
T=Tape & Reel
Dimensions
Tolerance
(Length, Width, Height)
Y=25%
Impedance Code
BF-SB 100505 - 121 Y - T
Multilayer Ferrite Chip Bead
(BF-SB Series)
Features
Impedance Range
6 Ohms to 2000 Ohms
Tolerance
25%
Operating Temperature
-25°C to +85°C
Part Number
Impedance
(Ohms)
Test Freq
(MHz)
DCR Max
(Ohms)
IDC Max
(mA)
Part Number
Impedance
(Ohms)
Test Freq
(MHz)
DCR Max
(Ohms)
IDC Max
(mA)
BF-SB100505-060
6
100
0.05
500
BF-SB201209-102
1000
100
1.00
100
BF-SB100505-100
10
100
0.07
400
BF-SB201209-152
1500
50
1.00
100
BF-SB100505-400
40
100
0.20
400
BF-SB321611-190
19
100
0.15
500
BF-SB100505-800
80
100
0.30
300
BF-SB321611-260
26
100
0.15
500
BF-SB100505-121
120
100
0.30
200
BF-SB321611-320
32
100
0.15
500
BF-SB100505-241
240
100
0.40
200
BF-SB321611-500
50
100
0.20
400
BF-SB100505-481
480
100
0.70
100
BF-SB321611-600
60
100
0.30
400
BF-SB100505-601
600
100
1.00
100
BF-SB321611-700
70
100
0.30
400
BF-SB160808-300
30
100
0.20
200
BF-SB321611-900
90
100
0.30
400
BF-SB160808-400
40
100
0.20
200
BF-SB321611-121
120
100
0.40
400
BF-SB160808-600
60
100
0.20
200
BF-SB321611-151
150
100
0.50
200
BF-SB160808-800
80
100
0.30
200
BF-SB321611-201
200
100
0.50
200
BF-SB160808-121
120
100
0.30
200
BF-SB321611-401
400
100
0.50
200
BF-SB160808-221
220
100
0.50
100
BF-SB321611-501
500
100
0.50
200
BF-SB160808-301
300
100
0.60
100
BF-SB321611-601
600
100
0.50
200
BF-SB160808-451
450
100
0.70
100
BF-SB321611-102
1000
50
1.00
100
BF-SB160808-601
600
100
0.80
100
BF-SB321611-122
1200
50
1.00
100
BF-SB160808-751
750
100
1.00
100
BF-SB321611-202
2000
30
1.50
100
BF-SB160808-102
1000
100
1.00
100
BF-SB321616-250
25
100
0.50
200
BF-SB201209-070
7
100
0.10
600
BF-SB321616-600
60
100
0.50
200
BF-SB201209-090
9
100
0.10
600
BF-SB321616-700
70
100
0.50
200
BF-SB201209-110
11
100
0.10
600
BF-SB322513-320
32
100
0.30
400
BF-SB201209-170
17
100
0.10
500
BF-SB322513-600
60
100
0.30
400
BF-SB201209-320
32
100
0.20
500
BF-SB322513-900
90
100
0.30
400
BF-SB201209-600
60
100
0.30
400
BF-SB322513-202
2000
30
1.50
100
BF-SB201209-700
70
100
0.30
400
BF-SB451616-330
33
100
0.30
400
BF-SB201209-800
80
100
0.40
400
BF-SB451616-600
60
100
0.30
400
BF-SB201209-121
120
100
0.40
200
BF-SB451616-800
80
100
0.30
400
BF-SB201209-151
150
100
0.50
200
BF-SB451616-101
100
100
0.40
300
BF-SB201209-221
220
100
0.60
200
BF-SB451616-151
150
100
0.50
200
BF-SB201209-301
300
100
0.90
200
BF-SB451616-171
170
100
0.50
200
BF-SB201209-401
400
100
0.90
200
BF-SB453215-700
70
100
0.40
300
BF-SB201209-501
500
100
1.00
200
BF-SB453215-121
120
100
0.40
300
BF-SB201209-601
600
100
1.00
200
BF-SB453215-125
125
100
0.40
300
Electrical Specifications
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
D
A
D
C
B
Part Number
Inch
A
B
C
D
BF-SB100505
0402
1.0 ± 0.15
0.50 ± 0.15
0.50 ± 0.15
0.25 ± 0.15
BF-SB160808
0603
1.6 ± 0.20
0.80 ± 0.15
0.80 ± 0.15
0.30 ± 0.20
BF-SB201209
0805
2.0 ± 0.20
1.25 ± 0.20
0.90 ± 0.20
0.50 ± 0.30
BF-SB321611
1206
3.2 ± 0.20
1.60 ± 0.20
1.10 ± 0.20
0.50 ± 0.30
BF-SB321616
1206
3.2 ± 0.20
1.60 ± 0.20
1.60 ± 0.20
0.50 ± 0.30
BF-SB322513
1210
3.2 ± 0.20
2.50 ± 0.20
1.30 ± 0.20
0.50 ± 0.30
BF-SB451616
1806
4.5 ± 0.25
1.60 ± 0.20
1.60 ± 0.20
0.50 ± 0.30
BF-SB453215
1812
4.5 ± 0.25
3.20 ± 0.20
1.50 ± 0.20
0.50 ± 0.30
1
Specifications subject to change without notice.
Rev. 01/01
Dimensions in mm
(Not to scale)
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Podobny numer części - BF-SB160808-600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BF-SB160808-600 ETC2-BF-SB160808-600 Datasheet
30Kb / 1P
   Multilayer Ferrite Chip Bead
More results

Podobny opis - BF-SB160808-600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
   Multilayer Ferrite Chip Bead
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Abracon Corporation
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0603 ABRACON-ACML-0603 Datasheet
2Mb / 4P
   MULTILAYER FERRITE CHIP BEAD
01.19.14
logo
Caliber Electronics Inc...
BF-NB100505 CALIBER-BF-NB100505 Datasheet
28Kb / 1P
   Multilayer Ferrite Chip Bead
BF-LC100505 CALIBER-BF-LC100505 Datasheet
25Kb / 1P
   Multilayer Ferrite Chip Bead
logo
List of Unclassifed Man...
BF-SB100505-121Y-T ETC2-BF-SB100505-121Y-T Datasheet
30Kb / 1P
   Multilayer Ferrite Chip Bead
ZFB-0603H-121N ETC-ZFB-0603H-121N Datasheet
284Kb / 13P
   Multilayer Ferrite Chip Bead
V 1.2
logo
Eaton All Rights Reserv...
MFBA2V1005 EATON-MFBA2V1005 Datasheet
635Kb / 5P
   Automotive multilayer chip ferrite bead
December 2021
logo
Stackpole Electronics, ...
FB_SERIES SEI-FB_SERIES Datasheet
762Kb / 17P
   Multilayer Ferrite Chip Bead Inductor
04/28/2020
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com