Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES1601-7R Arkusz danych(PDF) 4 Page - Power-One

Numer części ES1601-7R
Szczegółowy opis  100 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWER-ONE [Power-One]
Strona internetowa  http://www.power-one.com
Logo POWER-ONE - Power-One

ES1601-7R Arkusz danych(HTML) 4 Page - Power-One

  ES1601-7R Datasheet HTML 1Page - Power-One ES1601-7R Datasheet HTML 2Page - Power-One ES1601-7R Datasheet HTML 3Page - Power-One ES1601-7R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.power-one.com
Mechanical data
Tolerances
±0.3 mm (0.012") unless otherwise indicated.
European
Projection
Cassette Style
S Series
168.5 (6.63")
Measuring point of
case temperature
T
C
60 (2.36")
7 TE
5 TE
Test jacks
Option P (Uo)
Option D (Uti)
LED OK
LED i
LED IoL
Option D (Uto)
171.93 (DIN 41494) (6.77")
152 (5.98")
M4
09004
Accessories
Front panels 19" (Schroff/Intermas)
Mating H15 connectors with screw, solder, fast-on or press-fit terminals
Connector retention facilities and code key system for connector coding
Chassis or wall mounting plates for frontal access
Universal mounting brackets for chassis or DIN-rail mounting


Podobny numer części - ES1601-7R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ES1611 ETC2-ES1611 Datasheet
84Kb / 4P
   Electro-Wash짰 NX New & Improved! Cleaner Degreaser
ES16201 ETC1-ES16201 Datasheet
133Kb / 11P
   EMERGING DISPLAY
ES16201GP ETC1-ES16201GP Datasheet
133Kb / 11P
   EMERGING DISPLAY
ES16201UP ETC1-ES16201UP Datasheet
133Kb / 11P
   EMERGING DISPLAY
logo
Cyrustek corporation
ES166 CYRUSTEK-ES166 Datasheet
491Kb / 23P
   LCR/DMM analog front
More results

Podobny opis - ES1601-7R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CHB100-110S CINCON-CHB100-110S Datasheet
189Kb / 2P
   100 WATT DC-DC CONVERTERS
CQB100-110S3V3 CINCON-CQB100-110S3V3 Datasheet
319Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
Power-One
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
logo
Astrodyne Corporation
ASD100-24S12W ASTRODYNE-ASD100-24S12W Datasheet
1Mb / 4P
   100 WATT ASD SINGLE SERIES DC/DC CONVERTERS
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com