Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU1571KN Arkusz danych(PDF) 5 Page - Rohm

Numer części BU1571KN
Szczegółowy opis  Image Correction IC for Camera
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU1571KN Arkusz danych(HTML) 5 Page - Rohm

  BU1571KN_10 Datasheet HTML 1Page - Rohm BU1571KN_10 Datasheet HTML 2Page - Rohm BU1571KN_10 Datasheet HTML 3Page - Rohm BU1571KN_10 Datasheet HTML 4Page - Rohm BU1571KN_10 Datasheet HTML 5Page - Rohm BU1571KN_10 Datasheet HTML 6Page - Rohm BU1571KN_10 Datasheet HTML 7Page - Rohm BU1571KN_10 Datasheet HTML 8Page - Rohm BU1571KN_10 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Technical Note
BU1571KN
5/8
www.rohm.com
2010.06 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Timing Chart
1. Two-line serial interface
1.1 Two-line serial interface timing
Table 1 I
2C Interface timing
Symbol
Parameter
MIN.
TYP.
MAX.
Unit
fSCL
SDC Clock Frequency
0
-
400
kHz
tHD;STA
Hold-time(repetition)『START』conditions
(The first clock pulse is generated after this period.)
0.6
-
-
µs
fLOW
The "L" period of SDC clock
1.3
-
-
µs
tHIGH
The "H" period of SDC clock
0.6
-
-
µs
tSU;STA
Setup time of repetitive 『START』conditions
0.6
-
-
µs
tHD;DAT
Hold time of SDA
0
-
µs
tSU;DAT
Setup time of SDA
100
-
-
ns
tSU;STO
Setup time of the 『STOP』conditions
0.6
-
-
µs
tBUF
BUS free time between 『STOP』conditions and the 『START』conditions
1.3
-
-
µs
2. Camera module interface
2.1. Camera module interface timing
The input timing of camera image signal on camera I/F is shown in Table 2.
The input timing of camera image signal on camera I/F is shown in Table 2.1-2.
Symbol
Explanation
MIN. TYP. MAX. UNIT
tPCLK
Clock Cycle
19.2
-
-
ns
dPCLK
Clock Duty
45
50
55
%
tPDV
Decision of CAMDO from
CAMCKO
-
-
5
ns
tPHL,
tPHH
Decision of CAMVSO or
CAMHSO from CAMCKO
-
-
5
ns
Symbol
Explanation
MIN. TYP. MAX. UNIT
tCMS
CAMCKI Rise / Fall
Camera set-up Time
4
-
-
ns
tCMH
CAMCKI Rise / Fall
Camera Hold Time
4
-
-
ns
tLOW
SDA
SDC
tHD;STA
tHD;DAT
tHIGH
tSU;DAT
tSU;STA
tHD;ST
tSU;STO
tBUF
Table 2. BU1571KN timing (Camera data input)
Table 2.
Camera data output timing
CAMVSI
CAMHSI
CAMDI0
CAMDI7
CAMCKI
(CKPOL=“1”)
CAMCKI
(CKPOL=“0”)
tCMS
tCMH
CAMVSO
CAMDO[7:0]
CAMHSO
CAMCKO
tPCLK
tPHH
tPHL
tPDV


Podobny numer części - BU1571KN_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU1571KN ROHM-BU1571KN Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
More results

Podobny opis - BU1571KN_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU1523KV ROHM-BU1523KV Datasheet
406Kb / 23P
   Image Correction IC for Panel
BU1570KN ROHM-BU1570KN Datasheet
383Kb / 6P
   Camera Image Adaptive Enhancer IC for security devices
logo
Panasonic Semiconductor
AN5452 PANASONIC-AN5452 Datasheet
69Kb / 9P
   IC for landing correction
logo
National Instruments Co...
NI1428 NI-NI1428 Datasheet
55Kb / 3P
   Camera Link Image Acquisition
777662-01 NI-777662-01 Datasheet
1Mb / 6P
   Digital Camera Image Acquisition
logo
Panasonic Semiconductor
AN5395FBP PANASONIC-AN5395FBP Datasheet
204Kb / 20P
   Contour correction IC for HDTV
logo
Rohm
BU6566GVW ROHM-BU6566GVW_09 Datasheet
431Kb / 17P
   Camera Image Processors Compatible with JPEG Image
logo
Samsung semiconductor
KS7332 SAMSUNG-KS7332 Datasheet
207Kb / 26P
   KS7332 is a digital image signal handling IC aimed at improving image contrast and counter light correction, applicable to CCD-using video camera syst
logo
Sanyo Semicon Device
SIS3100 SANYO-SIS3100 Datasheet
96Kb / 4P
   Colro Image Sensor Camera Module?
logo
Toshiba Semiconductor
TA1204AF TOSHIBA-TA1204AF Datasheet
575Kb / 25P
   款 CORRECTION IC FOR LCD TV
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com