Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU16006KV Arkusz danych(PDF) 10 Page - Rohm

Numer części BU16006KV
Szczegółowy opis  HDMI Switch ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU16006KV Arkusz danych(HTML) 10 Page - Rohm

Back Button BU16006KV_1 Datasheet HTML 6Page - Rohm BU16006KV_1 Datasheet HTML 7Page - Rohm BU16006KV_1 Datasheet HTML 8Page - Rohm BU16006KV_1 Datasheet HTML 9Page - Rohm BU16006KV_1 Datasheet HTML 10Page - Rohm BU16006KV_1 Datasheet HTML 11Page - Rohm BU16006KV_1 Datasheet HTML 12Page - Rohm BU16006KV_1 Datasheet HTML 13Page - Rohm BU16006KV_1 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Technical Note
10/19
BU16006KV, BU16018KV, BU16024KV, BU16027KV
www.rohm.com
2010.05 - Rev.E
© 2010 ROHM Co., Ltd. All rights reserved.
●Pin Assignment and Block Diagram of BU16018KV
●Pin Explanation List
Terminal
I/O
Description
Name
No.
A11, A12, A13, A14
6, 9, 12, 15
I
Port 1 TMDS positive inputs
A21, A22, A23, A24
68, 71, 74, 77
I
Port 2 TMDS positive inputs
A31, A32, A33, A34
49, 52, 55, 58
I
Port 3 TMDS positive inputs
B11, B12, B13, B14
5, 8, 11, 14
I
Port 1 TMDS negative inputs
B21, B22, B23, B24
67, 70, 73, 76
I
Port 2 TMDS negative inputs
B31, B32, B33, B34
48, 51, 54, 57
I
Port 3 TMDS negative inputs
GND
4, 10, 16, 24, 30, 36, 37, 47,
53, 59, 65, 66, 72, 78
-
Ground
HPD1
80
O
Port 1 hot plug detector output
HPD2
62
O
Port 2 hot plug detector output
HPD3
44
O
Port 3 hot plug detector output
HPD_SINK
40
I
Sink side hot plug detector input
TEST0,1,2,3
1, 20, 41, 60
Open or GND connect (recommend)
OE
_______
42
I
Output enable, active low
PRE
19
I
TMDS high speed mode SW High : ON, Low : OFF
(above 165MHz recommend to High)
SCL1
3
I/O
Source port 1 DDC I
2C clock line
SCL2
64
I/O
Source port 2 DDC I
2C clock line
SCL3
46
I/O
Source port 3 DDC I
2C clock line
SCL_SINK
38
I/O
Sink port DDC I
2C clock line
SDA1
2
I/O
Source port 1 DDC I
2C data line
SDA2
63
I/O
Source port 2 DDC I
2C data line
SDA3
45
I/O
Source port 3 DDC I
2C data line
SDA_SINK
39
I/O
Sink port DDC I
2C data line
S1, S2, S3
21, 22, 23
I
Source selector input
VCC
7, 13, 17, 27, 33, 43, 50, 56,
61, 69, 75, 79
-
Power supply
VSADJ
18
I
TMDS voltage swing control. Connect to GND 4.64K
Y1, Y2, Y3, Y4
34, 31, 28, 25
O
TMDS positive outputs
Z1, Z2, Z3, Z4
35, 32, 29, 26
O
TMDS negative outputs
3-to-1 MUX
Control Logic
TMDS
Drive
TMDS
Drive
TMDS
Drive
TMDS
Drive
Z4
PRE
VSADJ
Y4
Y3
Z3
Y2
Z2
Y1
Z1
OE
S1
S2
S3
HPD_SINK
SCL_SINK
SDA_SINK
HPD1
HPD2
HPD3
SCL1
SDA1
SCL2
SDA2
SCL3
SDA3
B23
A24
B24
A23
A22
B22
A21
B21
B33
A34
B34
A33
A32
B32
A31
B31
TMD
S
RX
RINT
RINT
VCC
TMD
S
RX
RINT
RINT
VCC
TMD
S
RX
RINT
RINT
VCC
TMD
S
RX
RINT
RINT
VCC
TMD
S
RX
RINT
RINT
VCC
TMD
S
RX
RINT
RINT
VCC
TMD
S
RX
RINT
RINT
VCC
TMD
S
RX
RINT
RINT
VCC
VCC
61
HPD2
62
SDA2
63
SCL2
64
GND
65
B21
66
A21
67
VCC
68
B22
69
A22
70
GND
71
B23
72
A23
73
VCC
74
B24
75
A24
76
GND
77
VCC
78
HPD1
79
80
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
40
HPD_SINK
39
SDA_SINK
38
SCL_SINK
37
GND
36
GND
35
Z1
34
Y1
33
VCC
32
Z2
31
Y2
30
29
GND
28
Z3
27
Y3
26
VCC
25
Z4
24
Y4
23
S3
22
S2
21
S1
GND
GND
BU16018KV


Podobny numer części - BU16006KV_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16006KV ROHM-BU16006KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16006KV ROHM-BU16006KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16006KV ROHM-BU16006KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
More results

Podobny opis - BU16006KV_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon image
SII9185 SILICONIMAGE-SII9185 Datasheet
240Kb / 2P
   VastLane??HDMI Switch
logo
Sanken electric
SPF5012 SANKEN-SPF5012 Datasheet
48Kb / 1P
   Low-side Switch ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
logo
Sanken electric
SPF5009 SANKEN-SPF5009 Datasheet
49Kb / 1P
   Low-side Switch ICs
logo
Toshiba Semiconductor
TC9273N TOSHIBA-TC9273N Datasheet
391Kb / 13P
   ANALOG SWITCH ARRAY ICs
logo
Sanken electric
SPF5002A SANKEN-SPF5002A Datasheet
52Kb / 2P
   Low-side Switch ICs
logo
Rohm
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
Texas Instruments
TMDS261B TI1-TMDS261B Datasheet
11Mb / 48P
[Old version datasheet]   TWO-PORT HDMI SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com