Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3404 Arkusz danych(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Numer części LM3404
Szczegółowy opis  COT Drivers Control LED Ripple Current
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3404 Arkusz danych(HTML) 3 Page - National Semiconductor (TI)

  LM3404 Datasheet HTML 1Page - National Semiconductor (TI) LM3404 Datasheet HTML 2Page - National Semiconductor (TI) LM3404 Datasheet HTML 3Page - National Semiconductor (TI) LM3404 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BOM
ID
Part Number
Type
Size
Parameters
Qty
Vendor
U1
LM3404
LED Driver
SO-8
42V, 1.2A
1
NSC
Q1
CMPT3906
PNP
SOT23-6
40 V
CE, 10 mA
1
Central Semi
L1
VLF10040T-330M2R1
Inductor
10 x 10 x 4.0 mm
33 µH, 2.1A, 80
Ω 1
TDK
D1
CMSH2-40M
Schottky Diode
SMA
40V, 2A
1
Central Semi
C
F
VJ0603Y104KXXAT
Capacitor
0603
100 nF, 10%
1
Vishay
C
B
VJ0603Y103KXXAT
Capacitor
0603
10 nF, 10%
1
Vishay
C
IN
C4532X7R1H685M
Capacitor
1812
6.8 µF, 50V
1
TDK
R
SNS
ERJ8RQFR20V
Resistor
1206
0.2Ω, 1%
1
Panasonic
R
ON
CRCW06035762F
Resistor
0603
57.6 k
Ω, 1%
1
Vishay
3
www.national.com


Podobny numer części - LM3404

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3404 NSC-LM3404 Datasheet
547Kb / 24P
   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 NSC-LM3404 Datasheet
663Kb / 10P
   Evaluation Board
LM3404 NSC-LM3404 Datasheet
645Kb / 28P
   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 NSC-LM3404 Datasheet
417Kb / 6P
   Thermal Performance of the LM3404/04HV in SO-8 and PSOP-8 Packages
LM3404 NSC-LM3404 Datasheet
691Kb / 18P
   LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
More results

Podobny opis - LM3404

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxic Technology Corpor...
MT7641F MAXIC-MT7641F Datasheet
75Kb / 1P
   LED Current Ripple Remover
logo
Bright Power Semiconduc...
BP5609 BPS-BP5609 Datasheet
147Kb / 2P
   LED CURRENT RIPPLE REMOVER
logo
Maxic Technology Corpor...
MT7641DR MAXIC-MT7641DR Datasheet
259Kb / 1P
   LED Current Ripple Remover
MT7642CE MAXIC-MT7642CE Datasheet
74Kb / 1P
   LED Current Ripple Remover
MT7641B MAXIC-MT7641B Datasheet
74Kb / 1P
   LED Current Ripple Remover
MT7636 MAXIC-MT7636 Datasheet
164Kb / 1P
   LED Current Ripple Remover
MT7638 MAXIC-MT7638 Datasheet
113Kb / 1P
   LED Current Ripple Remover
MT7641C MAXIC-MT7641C Datasheet
75Kb / 1P
   LED Current Ripple Remover
MT7642BE MAXIC-MT7642BE Datasheet
75Kb / 1P
   LED Current Ripple Remover
MT7641ER MAXIC-MT7641ER Datasheet
74Kb / 1P
   LED Current Ripple Remover
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com