Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVC1G3157DRYR Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74LVC1G3157DRYR
Szczegółowy opis  SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G3157DRYR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SN74LVC1G3157DRYR Datasheet HTML 6Page - Texas Instruments SN74LVC1G3157DRYR Datasheet HTML 7Page - Texas Instruments SN74LVC1G3157DRYR Datasheet HTML 8Page - Texas Instruments SN74LVC1G3157DRYR Datasheet HTML 9Page - Texas Instruments SN74LVC1G3157DRYR Datasheet HTML 10Page - Texas Instruments SN74LVC1G3157DRYR Datasheet HTML 11Page - Texas Instruments SN74LVC1G3157DRYR Datasheet HTML 12Page - Texas Instruments SN74LVC1G3157DRYR Datasheet HTML 13Page - Texas Instruments SN74LVC1G3157DRYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.ti.com
50 Ω
R
=50
L
B1
B2
RL
S
A
VOUT
CL
RL/CL = 1 MΩ/100 pF
VOUT
VCC
VCC
SW
1
2
RGEN
GND
LOGIC
INPUT
LOGIC
INPUT
OFF
OFF
ON
Q = (∆VOUT) (CL)
∆VOUT
VGE
SN74LVC1G3157
SINGLE-POLE, DOUBLE-THROW ANALOG SWITCH
SCES424F – JANUARY 2003 – REVISED FEBRUARY 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 8. Feedthrough
Figure 9. Charge-Injection Test
10
Submit Documentation Feedback


Podobny numer części - SN74LVC1G3157DRYR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G3157DRYR TI-SN74LVC1G3157DRYR Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DRYR TI1-SN74LVC1G3157DRYR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DRYR TI1-SN74LVC1G3157DRYR Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DRYR TI1-SN74LVC1G3157DRYR Datasheet
1Mb / 35P
[Old version datasheet]   SN74LVC1G3157 Single-Pole Double-Throw Analog Switch
SN74LVC1G3157DRYR TI1-SN74LVC1G3157DRYR Datasheet
1Mb / 40P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
More results

Podobny opis - SN74LVC1G3157DRYR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
SN74LVC1G3157 TI1-SN74LVC1G3157_17 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Unisonic Technologies
U74LVC1G3157 UTC-U74LVC1G3157_15 Datasheet
208Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC1G3157 UTC-U74LVC1G3157_17 Datasheet
153Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_14 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com