Zakładka z wyszukiwarką danych komponentów |
|
SN74LVC1G32DBVRE4 Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
SN74LVC1G32DBVRE4 Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 18 page www.ti.com Electrical Characteristics Switching Characteristics Switching Characteristics Operating Characteristics SN74LVC1G32 SINGLE 2-INPUT POSITIVE-OR GATE SCES219O – APRIL 1999 – REVISED FEBRUARY 2007 over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP(1) MAX UNIT IOH = –100 µA 1.65 V to 5.5 V VCC – 0.1 IOH = –4 mA 1.65 V 1.2 IOH = –8 mA 2.3 V 1.9 VOH V IOH = –16 mA 2.4 3 V IOH = –24 mA 2.3 IOH = –32 mA 4.5 V 3.8 IOL = 100 µA 1.65 V to 5.5 V 0.1 IOL = 4 mA 1.65 V 0.45 IOL = 8 mA 2.3 V 0.3 VOL V IOL = 16 mA 0.4 3 V IOL = 24 mA 0.55 IOL = 32 mA 4.5 V 0.55 II A or B inputs VI = 5.5 V or GND 0 to 5.5 V ±5 µA Ioff VI or VO = 5.5 V 0 ±10 µA ICC VI = 5.5 V or GND, IO = 0 1.65 V to 5.5 V 10 µA ∆I CC One input at VCC– 0.6 V, Other inputs at VCC or GND 3 V to 5.5 V 500 µA Ci VI = VCC or GND 3.3 V 4 pF (1) All typical values are at VCC = 3.3 V, TA = 25°C. over recommended operating free-air temperature range, C L = 15 pF (unless otherwise noted) (see Figure 1 ) VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 5 V FROM TO ± 0.15 V ± 0.2 V ± 0.3 V ± 0.5 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX tpd A or B Y 1.9 7.2 0.8 4.4 0.9 3.6 0.8 3.4 ns over recommended operating free-air temperature range, C L = 30 pF or 50 pF (unless otherwise noted) (see Figure 2 ) VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 5 V FROM TO ± 0.15 V ± 0.2 V ± 0.3 V ± 0.5 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX tpd A or B Y 2.8 8 1.2 5.5 1.1 4.5 1 4 ns T A = 25°C VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 5 V TEST PARAMETER UNIT CONDITIONS TYP TYP TYP TYP Cpd Power dissipation capacitance f = 10 MHz 20 20 21 22 pF 5 Submit Documentation Feedback |
Podobny numer części - SN74LVC1G32DBVRE4 |
|
Podobny opis - SN74LVC1G32DBVRE4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |