Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVCH16T245DLRG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części 74LVCH16T245DLRG4
Szczegółowy opis  16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

74LVCH16T245DLRG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  74LVCH16T245DLRG4 Datasheet HTML 1Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 2Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 3Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 4Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 5Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 6Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 7Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 8Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
Electrical Characteristics
(1) (2)
SN74LVCH16T245
16-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES635A – JULY 2005 – REVISED AUGUST 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP
MAX
MIN
MAX
UNIT
IOH = –100 µA,
VI = VIH
1.65 V to 4.5 V
1.65 V to 4.5 V
VCCO – 0.1
IOH = –4 mA,
VI = VIH
1.65 V
1.65 V
1.2
VOH
IOH = –8 mA,
VI = VIH
2.3 V
2.3 V
1.9
V
IOH = –24 mA,
VI = VIH
3 V
3 V
2.4
IOH = –32 mA,
VI = VIH
4.5 V
4.5 V
3.8
IOL = 100 µA,
VI = VIL
1.65 V to 4.5 V
1.65 V to 4.5 V
0.1
IOL = 4 mA,
VI = VIL
1.65 V
1.65 V
0.45
VOL
IOL = 8 mA,
VI = VIL
2.3 V
2.3 V
0.3
V
IOL = 24 mA,
VI = VIL
3 V
3 V
0.55
IOL = 32 mA,
VI = VIL
4.5 V
4.5 V
0.55
Control
II
VI = VCCA or GND
1.65 V to 5.5 V
1.65 V to 5.5 V
±0.5
±1
±2
µA
inputs
VI = 0.58 V
1.65 V
1.65 V
15
VI = 0.7 V
2.3 V
2.3 V
45
IBHL(3)
µA
VI = 0.8 V
3 V
3 V
75
VI = 0.1.35 V
4.5 V
4.5 V
100
VI = 1.07 V
1.65 V
1.65 V
–15
VI = 1.7 V
2.3 V
2.3 V
–45
IBHH(4)
µA
VI = 2 V
3 V
3 V
–75
VI = 3.15 V
4.5 V
4.5 V
–100
1.95 V
1.95 V
200
2.7 V
2.7 V
300
IBHLO(5)
VI = 0 to VCC
µA
3.6 V
3.6 V
500
5.5 V
5.5 V
900
1.95 V
1.95 V
–200
2.7 V
2.7 V
–300
IBHHO(6)
VI = 0 to VCC
µA
3.6 V
3.6 V
–500
5.5 V
5.5 V
–900
A port
0 V
0 to 5.5 V
±0.5
±1
±2
Ioff
VI or VO = 0 to 5.5 V
µA
B port
0 to 5.5 V
0 V
±0.5
±1
±2
A or B
OE = VIH
1.65 V to 5.5 V
1.65 V to 5.5 V
±1
±2
VO = VCCO or
port
IOZ
GND,
µA
B port
0 V
5.5 V
±1
±2
OE = don't
VI = VCCI or GND
care
A port
5.5 V
0 V
±1
±2
1.65 V to 5.5 V
1.65 V to 5.5 V
20
ICCA
VI = VCCI or GND, IO = 0
5 V
0 V
20
µA
0 V
5 V
–2
1.65 V to 5.5 V
1.65 V to 5.5 V
20
ICCB
VI = VCCI or GND, IO = 0
5 V
0 V
–2
µA
0 V
5 V
20
ICCA + ICCB
VI = VCCI or GND, IO = 0
1.65 V to 5.5 V
1.65 V to 5.5 V
30
µA
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
(3)
The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND
and then raising it to VIL max.
(4)
The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to
VCC and then lowering it to VIH min.
(5)
An external driver must source at least IBHLO to switch this node from low to high.
(6)
An external driver must sink at least IBHHO to switch this node from high to low.
5


Podobny numer części - 74LVCH16T245DLRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LVCH16T245DLRG4 TI-74LVCH16T245DLRG4 Datasheet
365Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH16T245DLRG4 TI1-74LVCH16T245DLRG4 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
More results

Podobny opis - 74LVCH16T245DLRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVCA164245 TI-SN74AVCA164245 Datasheet
323Kb / 15P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245 Datasheet
375Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com