Zakładka z wyszukiwarką danych komponentów |
|
TS3L4892RHHR Arkusz danych(PDF) 10 Page - Texas Instruments |
|
|
TS3L4892RHHR Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 18 page www.ti.com PARAMETER MEASUREMENT INFORMATION (continued) Network Analyzer (HP8753ES) RL = 100 Ω EXT TRIGGER BIAS P1 P2 DUT A0 SEL 0B1 VSEL VCC VBIAS A1 1B2 1B1 RL = 100 Ω 2B1 3B1 A2 A3 0B2 3B2 2B2 HP8753ES Setup TS3L4892 16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH SCDS251 – MARCH 2008 A. CL includes probe and jig capacitance. B. A 50- Ω termination resistor is needed to match the loading of the network analyzer. Figure 8. Test Circuit for Crosstalk (XTALK) Crosstalk is measured at the output of the nonadjacent ON channel. For example, when VSEL = 0 and A0 is the input, the output is measured at 1B1. All unused analog input (A) ports are connected to GND, and output (B) ports are connected to GND through 50- Ω pulldown resistors. Average = 4 RBW = 3 kHz VBIAS = 0.35 V ST = 2 s P1 = 0 dBM 10 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TS3L4892 |
Podobny numer części - TS3L4892RHHR |
|
Podobny opis - TS3L4892RHHR |