Zakładka z wyszukiwarką danych komponentów |
|
TL071IDRG4 Arkusz danych(PDF) 9 Page - Texas Instruments |
|
|
TL071IDRG4 Arkusz danych(HTML) 9 Page - Texas Instruments |
9 / 40 page TL071, TL071A, TL071B, TL072 TL072A, TL072B, TL074, TL074A, TL074B LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics, VCC± = ±15 V, TA = 25°C PARAMETER TEST CONDITIONS TL07xM ALL OTHERS UNIT PARAMETER TEST CONDITIONS MIN TYP MAX MIN TYP MAX UNIT SR Slew rate at unity gain VI = 10 V, CL = 100 pF, RL = 2 kΩ, See Figure 1 5 13 8 13 V/ μs t Rise-time overshoot VI = 20 mV, RL = 2 kΩ, 0.1 0.1 μs tr Rise time overshoot factor VI = 20 mV, CL = 100 pF, RL = 2 kΩ, See Figure 1 20% 20% V Equivalent input noise R 20 Ω f = 1 kHz 18 18 nV/ √Hz Vn Equivalent input noise voltage RS = 20 Ω f = 10 Hz to 10 kHz 4 4 μV In Equivalent input noise current RS = 20 Ω, f = 1 kHz 0.01 0.01 pA/ √Hz THD Total harmonic distortion VIrms = 6 V, RL ≥ 2 kΩ, f = 1 kHz AVD = 1, RS ≤ 1 kΩ, 0.003 % 0.003% PARAMETER MEASUREMENT INFORMATION Figure 1. Unity-Gain Amplifier VI CL = 100 pF RL = 2 kΩ VO Figure 2. Gain-of-10 Inverting Amplifier VI 10 k Ω 1 k Ω RL CL = 100 pF VO N1 100 k Ω TL071 N2 1.5 k Ω VCC− OUT IN− IN+ Figure 3. Input Offset-Voltage Null Circuit |
Podobny numer części - TL071IDRG4 |
|
Podobny opis - TL071IDRG4 |