Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCM61001 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części CDCM61001
Szczegółowy opis  One Output, Integrated VCO, Low-Jitter Clock Generator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CDCM61001 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button CDCM61001_10 Datasheet HTML 4Page - Texas Instruments CDCM61001_10 Datasheet HTML 5Page - Texas Instruments CDCM61001_10 Datasheet HTML 6Page - Texas Instruments CDCM61001_10 Datasheet HTML 7Page - Texas Instruments CDCM61001_10 Datasheet HTML 8Page - Texas Instruments CDCM61001_10 Datasheet HTML 9Page - Texas Instruments CDCM61001_10 Datasheet HTML 10Page - Texas Instruments CDCM61001_10 Datasheet HTML 11Page - Texas Instruments CDCM61001_10 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
NC
NC
NC
V
_OUT
CC
NC
NC
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
CDCM61001
32
31
30
29
28
27
26
25
9
ThermalPad
(mustbesolderedtoground)
10
11
12
13
14
15
16
OUTN
OUTP
CE
OSC_OUT
GND1
XIN
V
_IN
CC
REG_CAP1
V
_PLL1
CC
REG_CAP2
CDCM61001
SCAS869C – FEBRUARY 2009 – REVISED FEBRUARY 2010
www.ti.com
DEVICE INFORMATION
RHB PACKAGE
QFN-32
(TOP VIEW)
PIN FUNCTIONS
TERMINAL
NAME
PAD NO.
TYPE
DIRECTION(1)
DESCRIPTION
VCC_OUT
4
Power
3.3-V supply for the output buffer
VCC_PLL1
18
Power
3.3-V supply for the PLL circuitry
VCC_PLL2
16
Power
3.3-V supply for the PLL circuitry
VCC_VCO
9
Power
3.3-V supply for the internal VCO
VCC_IN
20
Power
3.3-V supply for the input buffers
GND1
22
Ground
Additional ground for device. (GND1 shorted on-chip to GND)
GND
Pad
Ground
Ground is on thermal pad; see Thermal Management
XIN
21
Input
Parallel resonant crystal input
OUTP, OUTN
5, 6
Output
Differential output pair or two single-ended outputs
OSC_OUT
23
Output
Bypass LVCMOS output
REG_CAP1
19
Output
Capacitor for internal regulator (connect to a 10-mF Y5V capacitor to GND)
REG_CAP2
17
Output
Capacitor for internal regulator (connect to a 10-mF Y5V capacitor to GND)
PR1, PR0
25, 26
Pullup
Prescaler and Feedback divider control pins (see Table 4)
OD2, OD1,
13-15
Pullup
Output divider control pins (see Table 5)
OD0
OS1, OS0
10, 11
Pullup
Output type select control pin (see Table 6)
CE
7
Pullup
Chip enable control pin (see Table 7)
RSTN
12
Pullup
Device reset (active low) (see Table 8)
1-3, 8, 24,
NC
No connection
27-32
(1)
Pullup and Pulldown refer to internal input resistors. See Table 1, Pin Characteristics for typical values.
Table 1. PIN CHARACTERISTICS
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
CIN
Input capacitance
8
10
pF
RPULLUP
Input pullup resistor
150
k
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCM61001


Podobny numer części - CDCM61001_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
More results

Podobny opis - CDCM61001_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6100XEVM TI1-CDCM6100XEVM Datasheet
735Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002 Datasheet
865Kb / 34P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com