Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3004S-10B1SMT Arkusz danych(PDF) 5 Page - Yamaichi Electronics Co., Ltd.

Numer części TS3004S-10B1SMT
Szczegółowy opis  Modular Jacks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Strona internetowa  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

TS3004S-10B1SMT Arkusz danych(HTML) 5 Page - Yamaichi Electronics Co., Ltd.

  TS3004S-10B1SMT Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. TS3004S-10B1SMT Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. TS3004S-10B1SMT Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. TS3004S-10B1SMT Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. TS3004S-10B1SMT Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. TS3004S-10B1SMT Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Sockets and Connectors
Trading Division
Part Numbers TS3014S-**-1
Materials and Finish
Shielding:
Brass, Nickel plating
Housing:
Thermoplastic, glass filled (UL 94V-0), colour black
Soldering Temp.: 240°C / 5 sec.
Contact:
Phosphor Bronze,
6µ“Gold plating over Nickel (mating area)
Tin plating over Nickel (solder area)
PCB-Layout (Top View)
TS Series
Modular Jacks (PCB Mounted, Shielded)
Part Number TS3009S-881
Materials and Finish
Shielding: Brass, Nickel plated
Housing: Engineering Thermoplatsic (UL94V-0)
Soldering Temp.:
240°C / 5 sec.
Contact:
Gold plating over Nickel (mating area)
Tin plating over Nickel (solder area)
PCB-Layout (Top View)
Part No.
No. of
Positions
A
B
C
* Depopulation of contacts possible
D
TS3014S-6*-1
6
13.56
10.16
6.53
13.57
TS3014S-8*-1
8
15.74
11.43
8.89
15.54
TS3014S-10*-1
10
15.74
11.43
11.43
15.54
RoHS
RoHS


Podobny numer części - TS3004S-10B1SMT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Touchstone Semiconducto...
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
logo
Silicon Laboratories
TS3004 SILABS-TS3004 Datasheet
935Kb / 3P
   LOWEST SUPPLY CURRENT FOR BATTERY-POWERED APPLICATIONS
TS3004 SILABS-TS3004 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
TS30041-M000QFNR SEMTECH-TS30041-M000QFNR Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results

Podobny opis - TS3004S-10B1SMT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
TE Connectivity Ltd
RJ11-2X TEC-RJ11-2X Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Coilcraft lnc.
PCRJ11-1 COILCRAFT-PCRJ11-1 Datasheet
157Kb / 2P
   Filtered Modular Jacks
logo
Tyco Electronics
RJ11-2X MACOM-RJ11-2X_11 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
5569256-1 MACOM-5569256-1 Datasheet
173Kb / 3P
   Stacked Modular Jacks
logo
Adam Technologies, Inc.
MTJ64021 ADAM-TECH-MTJ64021 Datasheet
151Kb / 1P
   MODULAR TELEPHONE JACKS
logo
TE Connectivity Ltd
X TEC-X_V01 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Adam Technologies, Inc.
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
   MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
MTJP-616L ADAM-TECH-MTJP-616L Datasheet
268Kb / 3P
   MODULAR TELEPHONE JACKS WIRE LEADED JACKS
logo
Tyco Electronics
5558503-1 MACOM-5558503-1 Datasheet
166Kb / 3P
   Multi-Port Modular Jacks
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com