Zakładka z wyszukiwarką danych komponentów |
|
SN74AUP1G17 Arkusz danych(PDF) 5 Page - Texas Instruments |
|
SN74AUP1G17 Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 23 page SN74AUP1G17 www.ti.com SCES579I – JUNE 2004 – REVISED MARCH 2010 ELECTRICAL CHARACTERISTICS over operating free-air temperature range (unless otherwise noted) TA = 25°C TA = –40°C to 85°C PARAMETER TEST CONDITIONS VCC UNIT MIN TYP MAX MIN MAX 0.8 V 0.3 0.6 0.3 0.6 1.1 V 0.53 0.9 0.53 0.9 VT+ 1.4 V 0.74 1.11 0.74 1.11 Positive-going V input threshold 1.65 V 0.91 1.29 0.91 1.29 voltage 2.3 V 1.37 1.77 1.37 1.77 3 V 1.88 2.29 1.88 2.29 0.8 V 0.1 0.6 0.1 0.6 1.1 V 0.26 0.65 0.26 0.65 VT– 1.4 V 0.39 0.75 0.39 0.75 Negative-going V input threshold 1.65 V 0.47 0.84 0.47 0.84 voltage 2.3 V 0.69 1.04 0.69 1.04 3 V 0.88 1.24 0.88 1.24 0.8 V 0.07 0.5 0.07 0.5 1.1 V 0.08 0.46 0.08 0.46 ΔVT 1.4 V 0.18 0.56 0.18 0.56 Hysteresis V 1.65 V 0.27 0.66 0.27 0.66 (VT+ – VT–) 2.3 V 0.53 0.92 0.53 0.92 3 V 0.79 1.31 0.79 1.31 IOH = –20 mA 0.8 V to 3.6 V VCC – 0.1 VCC – 0.1 IOH = –1.1 mA 1.1 V 0.75 × VCC 0.7 × VCC IOH = –1.7 mA 1.4 V 1.11 1.03 IOH = –1.9 mA 1.65 V 1.32 1.3 VOH V IOH = –2.3 mA 2.05 1.97 2.3 V IOH = –3.1 mA 1.9 1.85 IOH = –2.7 mA 2.72 2.67 3 V IOH = –4 mA 2.6 2.55 IOL = 20 mA 0.8 V to 3.6 V 0.1 0.1 0.3 × 0.3 × IOL = 1.1 mA 1.1 V VCC VCC IOL = 1.7 mA 1.4 V 0.31 0.37 IOL = 1.9 mA 1.65 V 0.31 0.35 VOL V IOL = 2.3 mA 0.31 0.33 2.3 V IOL = 3.1 mA 0.44 0.45 IOL = 2.7 mA 0.31 0.33 3 V IOL = 4 mA 0.44 0.45 II A inputs VI = GND to 3.6 V 0 V to 3.6 V 0.1 0.5 mA Ioff VI or VO = 0 V to 3.6 V 0 V 0.2 0.6 mA ΔIoff VI or VO = 0 V to 3.6 V 0 V to 0.2 V 0.2 0.6 mA VI = GND or (VCC to 3.6 V), ICC 0.8 V to 3.6 V 0.5 0.9 mA IO = 0 ΔICC VI = VCC 0.6 V, IO = 0 3.3 V 40 50 mA 0 V 1.5 Ci VI = VCC or GND pF 3.6 V 1.5 Co VO = GND 0 V 2.5 pF Copyright © 2004–2010, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): SN74AUP1G17 |
Podobny numer części - SN74AUP1G17_10 |
|
Podobny opis - SN74AUP1G17_10 |