Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD8S009 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD8S009
Szczegółowy opis  8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPD8S009 Arkusz danych(HTML) 3 Page - Texas Instruments

  TPD8S009 Datasheet HTML 1Page - Texas Instruments TPD8S009 Datasheet HTML 2Page - Texas Instruments TPD8S009 Datasheet HTML 3Page - Texas Instruments TPD8S009 Datasheet HTML 4Page - Texas Instruments TPD8S009 Datasheet HTML 5Page - Texas Instruments TPD8S009 Datasheet HTML 6Page - Texas Instruments TPD8S009 Datasheet HTML 7Page - Texas Instruments TPD8S009 Datasheet HTML 8Page - Texas Instruments TPD8S009 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
TPD8S009
www.ti.com ....................................................................................................................................................................................................... SLVS816 – JULY 2008
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.3
6
V
VIO
IO signal voltage range
0
VCC
V
Tstg
Storage temperature range
–65
125
°C
TA
Characterized free-air operating temperature range
–40
85
°C
Lead temperature, 1.6 mm (1/16 in) from case for 10 s
260
°C
IEC 61000-4-2 Contact Discharge
±8
kV
IEC 61000-4-2 Air-Gap Discharge
±9
kV
Peak pulse power (tp = 8/20 µs)
25
W
Peak pulse current (tp = 8/20 µs)
2.5
A
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRWM
Reverse standoff voltage
Any IO pin to ground
5.5
V
VBR
Breakdown voltage
IIO = 1 mA
Any IO pin to ground
9
V
IIO
IO port current
VIO = 3.3 V, VCC = 5 V
Any IO pin
0.01
0.1
µA
Ioff
Current from IO port to supply pins
VIO = 3.3 V, VCC = 5 V
Any IO pin
0.01
0.1
µA
VD
Diode forward voltage
IIO = 8 mA
Lower clamp diode
0.6
0.8
0.95
V
RDYN
Dynamic resistance
I = 1 A
Any IO pin
1.1
CIO
IO capacitance
VCC = 5 V, VIO = 2.5 V
Any IO pin
0.8
pF
ICC
Operating supply current
VIO = Open, VCC = 5 V
VCC pin
0.1
1
µA
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPD8S009


Podobny numer części - TPD8S009

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD8S009 TI-TPD8S009 Datasheet
637Kb / 10P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009 TI1-TPD8S009 Datasheet
1Mb / 14P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009DSMR TI-TPD8S009DSMR Datasheet
637Kb / 10P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009DSMR TI1-TPD8S009DSMR Datasheet
1Mb / 19P
[Old version datasheet]   8-Channel ESD Protection for DisplayPort and HDMI
TPD8S009 TI1-TPD8S009_14 Datasheet
1Mb / 14P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
More results

Podobny opis - TPD8S009

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD8S009 TI-TPD8S009 Datasheet
637Kb / 10P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009 TI1-TPD8S009_14 Datasheet
1Mb / 14P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009 TI1-TPD8S009_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-Channel ESD Protection for DisplayPort and HDMI
logo
Infineon Technologies A...
BGF128 INFINEON-BGF128 Datasheet
558Kb / 6P
   HDMI Interface ESD Protection
V2.1, April 2009
logo
Bourns Electronic Solut...
CDDFN10-0524P BOURNS-CDDFN10-0524P Datasheet
739Kb / 1P
   HDMI 1.3 - ESD & Overcurrent Protection
logo
NXP Semiconductors
IP4280CZ10 NXP-IP4280CZ10 Datasheet
63Kb / 8P
   ESD protection for HDMI interface
Rev. 01-6 June 2007
logo
Bourns Electronic Solut...
CG0402MLU-05G BOURNS-CG0402MLU-05G Datasheet
782Kb / 1P
   HDMI 1.4 - ESD & Overcurrent Protection
logo
Nexperia B.V. All right...
IP4280CZ10 NEXPERIA-IP4280CZ10 Datasheet
178Kb / 9P
   ESD protection for HDMI interface
Rev. 01 - 6 June 2007
logo
List of Unclassifed Man...
CG0402MLU-05G ETC2-CG0402MLU-05G_12 Datasheet
212Kb / 1P
   HDMI 1.4 - ESD & Overcurrent Protection
logo
Texas Instruments
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com