Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPL9202 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TPL9202
Szczegółowy opis  8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPL9202 Arkusz danych(HTML) 5 Page - Texas Instruments

  TPL9202 Datasheet HTML 1Page - Texas Instruments TPL9202 Datasheet HTML 2Page - Texas Instruments TPL9202 Datasheet HTML 3Page - Texas Instruments TPL9202 Datasheet HTML 4Page - Texas Instruments TPL9202 Datasheet HTML 5Page - Texas Instruments TPL9202 Datasheet HTML 6Page - Texas Instruments TPL9202 Datasheet HTML 7Page - Texas Instruments TPL9202 Datasheet HTML 8Page - Texas Instruments TPL9202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Dissipation Ratings
Recommended Operating Conditions
TPL9202
8-CHANNEL RELAY DRIVER
WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
SLIS124D – JUNE 2006 – REVISED FEBRUARY 2008
MIN
MAX
UNIT
VIN
24
VI(unreg)
Unregulated input voltage(2) (3)
V
BO
24
EN1, MOSI, SCLK, and NCS
7
VI(logic)
Logic input voltage(2) (3)
V
RST and RDELAY
7
VO
Low-side output voltage
OUT1–OUT8
16.5
V
OUTn = ON and shorted to VIN
ILIMIT
Output current limit(4)
350
mA
with low impedance
θ
JA
Thermal impedance, junction to ambient(5)
33
°C/W
θ
JC
Thermal impedance, junction to top of package(5)
20
°C/W
θ
JP
Thermal impedance, junction to thermal pad(5)
1.4
°C/W
PD
Continuous power dissipation(6)
3.7
W
ESD
Electrostatic discharge(7)
2
kV
TA
Operating ambient temperature range
–40
125
°C
Tstg
Storage temperature range
–65
125
°C
Tlead
Lead temperature
Soldering, 10 s
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
(3)
Absolute negative voltage on these pins must not go below –0.5 V.
(4)
Not more than one output should be shorted at a time, and duration of the short circuit should not exceed 1 ms.
(5)
The thermal data is based on using 1-oz copper trace with JEDEC 51-5 test board for PWP.
(6)
The data is based on ambient temperature of 25
°C maximum.
(7)
The Human Body Model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin.
TA ≤ 25°C
DERATING FACTOR
TA = 125°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
PWP
3787 mW
30.3 mW/
°C
757 mW
MIN
MAX
UNIT
VIN
7
18
VI(unreg)
Unregulated input voltage
V
BO (as seen by external resistor network)
0
18
VI(logic)
Logic input voltage
EN1, RST, and RDELAY , MOSI, SCLK, and NCS
0
5.25
V
TA
Operating ambient temperature
–40
125
°C
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPL9202


Podobny numer części - TPL9202

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPL9202 TI-TPL9202 Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9202PWP TI-TPL9202PWP Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9202PWPG4 TI-TPL9202PWPG4 Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9202PWPR TI-TPL9202PWPR Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9202PWPRG4 TI-TPL9202PWPRG4 Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
More results

Podobny opis - TPL9202

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPL9202 TI-TPL9202 Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9201 TI-TPL9201_07 Datasheet
624Kb / 19P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
logo
Allegro MicroSystems
A2550 ALLEGRO-A2550 Datasheet
530Kb / 15P
   Relay Driver with 5 V Regulator
logo
ON Semiconductor
NCS2584 ONSEMI-NCS2584 Datasheet
268Kb / 17P
   Four-Channel Video Driver with Load Detection and Signal Detection
August, 2012 ??Rev. 0
logo
National Semiconductor ...
COP840CJ NSC-COP840CJ Datasheet
479Kb / 36P
   8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
COPCJ820 NSC-COPCJ820 Datasheet
408Kb / 32P
   8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
logo
ON Semiconductor
MDC3105 ONSEMI-MDC3105_1 Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
   8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
PCA9922 NXP-PCA9922_11 Datasheet
255Kb / 27P
   8-channel constant current LED driver with output error detection
Rev. 2-6 April 2011
logo
Diodes Incorporated
DMN61D8LVTQ DIODES-DMN61D8LVTQ_16 Datasheet
349Kb / 7P
   INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com