Zakładka z wyszukiwarką danych komponentów |
|
AM26LV32CDRG4 Arkusz danych(PDF) 10 Page - Texas Instruments |
|
|
AM26LV32CDRG4 Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 22 page AM26LV32C, AM26LV32I LOW VOLTAGE HIGHSPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER SLLS202E − MAY 1995 − REVISED JUNE 2005 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION Figure 9 represents a typical application where two receivers are not used. In this case, there is no need to worry about the output voltages of the unused receivers since they are not connected in the system architecture. System Connector AM26LV32 Unused Circuit RT RT Figure 9. Typical Application with Unused Receivers Figure 10 shows a common application where one or more drivers are either disabled or powered down. To ensure the inactive receiver outputs are in a high state, the active receiver inputs must have VIL > 0.4 V and VIC > 0.5 V. System Connector AM26LV32 Connector Driver Enable Disable or Power Off Cable RT RT RT RT Figure 10. Typical Application Where Two or More Drivers are Disabled |
Podobny numer części - AM26LV32CDRG4 |
|
Podobny opis - AM26LV32CDRG4 |