Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM26LV32INS Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części AM26LV32INS
Szczegółowy opis  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

AM26LV32INS Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button AM26LV32INS Datasheet HTML 4Page - Texas Instruments AM26LV32INS Datasheet HTML 5Page - Texas Instruments AM26LV32INS Datasheet HTML 6Page - Texas Instruments AM26LV32INS Datasheet HTML 7Page - Texas Instruments AM26LV32INS Datasheet HTML 8Page - Texas Instruments AM26LV32INS Datasheet HTML 9Page - Texas Instruments AM26LV32INS Datasheet HTML 10Page - Texas Instruments AM26LV32INS Datasheet HTML 11Page - Texas Instruments AM26LV32INS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
AM26LV32C, AM26LV32I
LOW VOLTAGE HIGHSPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS202E − MAY 1995 − REVISED JUNE 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 1. Active Receiver Inputs vs Outputs
1, 2, OR 3
ACTIVE INPUTS
SEE
FIGURE
1, 2, OR 3
ACTIVE OUTPUTS
3, 2, OR 1 UNUSED
OR INACTIVE
VIL†
VID
VIC†
FIGURE
ACTIVE OUTPUTS
OR INACTIVE
OUTPUTS
900 mV
200 mV
1 V
4
Known state
High state
−100 mV
200 mV
0 V
5
Known state
?
600 mV
800 mV
1 V
6
Known state
High state
0
800 mV
400 mV
7
Known state
?
† Measured with respect to ground.
VID = 200 mV
VIC = 1V
VIL = 900 mV
Produces a High State at
Unused or Inactive Outputs
0V
Figure 4. Waveform One
VID = 200 mV
VIL = −100 mV
An Unknown State is Produced
at Unused or Inactive Outputs
VIC = 0V
Figure 5. Waveform Two
VIC = 1V
VIL = 600 mV
Produces a High State at
Unused or Inactive Outputs
0V
VID = 800 mV
Figure 6. Waveform Three
VIL = 0V
0V
VID = 800 mV
VIC = 400 mV
An Unknown State is Produced
at Unused or Inactive Outputs
Figure 7. Waveform Four


Podobny numer części - AM26LV32INS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM26LV32INS TI-AM26LV32INS Datasheet
371Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32INS TI-AM26LV32INS Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32INSE4 TI-AM26LV32INSE4 Datasheet
371Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32INSE4 TI-AM26LV32INSE4 Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32INSG4 TI-AM26LV32INSG4 Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results

Podobny opis - AM26LV32INS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32 TI-AM26LV32 Datasheet
371Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV31C TI-AM26LV31C Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
AM26LV31C TI-AM26LV31C_07 Datasheet
393Kb / 14P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31C TI-AM26LV31C_08 Datasheet
500Kb / 15P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com