Zakładka z wyszukiwarką danych komponentów |
|
TS5A3153DCUR Arkusz danych(PDF) 11 Page - Texas Instruments |
|
|
TS5A3153DCUR Arkusz danych(HTML) 11 Page - Texas Instruments |
11 / 26 page TS5A3153 www.ti.com ..................................................................................................................................................... SCDS215A – OCTOBER 2005 – REVISED JULY 2008 ELECTRICAL CHARACTERISTICS FOR 1.8-V SUPPLY (continued) V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Dynamic 25°C 5 V 4.5 45 61 VCOM = V+, CL = 35 pF, Turn-on time tON ns 1.65 V to RL = 50 Ω, See Figure 17 Full 4 63 1.95 V 25°C 5 V 5.4 12 19 VCOM = V+, CL = 35 pF, Turn-off time tOFF ns 1.65 V to RL = 50 Ω, See Figure 17 Full 5 21 1.95 V 25°C 5 V 4 31 60 Break-before- VCOM = V+, CL = 35 pF, tBBM ns 1.65 V to make time RL = 50 Ω, See Figure 18 Full 3 65 1.95 V Charge VGEN = 0, CL = 1 nF, QC 25°C 1.8 V 4 pC injection RGEN = 0, See Figure 22 NC, NO CNC(OFF), Switch OFF, OFF VNC or VNO = V+ or GND, 25°C 1.8 V 19 pF CNO(OFF) See Figure 16 capacitance NC, NO CNC(ON), Switch ON, ON VNC or VNO = V+ or GND, 25°C 1.8 V 57 pF CNO(ON) See Figure 16 capacitance COM OFF Switch ON, CCOM(OFF) VCOM = V+ or GND, 25°C 1.8 V 36 pF capacitance See Figure 16 COM ON Switch ON, CCOM(ON) VCOM = V+ or GND, 25°C 1.8 V 57 pF capacitance See Figure 16 Digital input CI VI = V+ or GND, See Figure 16 25°C 1.8 V 2 pF capacitance Switch ON, Bandwidth BW RL = 50 Ω, 25°C 1.8 V 100 MHz See Figure 19 RL = 50 Ω, Switch OFF, OFF isolation OISO 25°C 1.8 V –64 dB f = 1 MHz, See Figure 20 RL = 50 Ω, Switch ON, Crosstalk XTALK 25°C 1.8 V –64 dB f = 1 MHz, See Figure 21 f = 20 Hz to 20 Total harmonic RL = 600 Ω, THD kHz, 25°C 1.8 V 0.060 % distortion CL = 50 pF, See Figure 23 Supply 25°C 0.001 0.05 Positive supply I+ VI = V+ or GND, Switch ON or OFF 1.95 V µA current Full 0.1 Copyright © 2005–2008, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s): TS5A3153 |
Podobny numer części - TS5A3153DCUR |
|
Podobny opis - TS5A3153DCUR |